Electronic Components Datasheet Search
  English  ▼

X  

HWS447 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS447
Description  GaAs DC-6 GHz SPDT Terminated Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS447 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS447 Datasheet HTML 1Page - Hexawave, Inc HWS447 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS447
GaAs DC-6 GHz SPDT Terminated Switch
August 2007 V5
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Low Insertion Loss : 0.50 dB @ 2.7 GHz
0.60 dB @ 5.8 GHz
• Isolation:
29 dB @ 2.7 GHz
22 dB @ 5.8 GHz
• Low DC Power Consumption
• Miniature QFN12L (3x3 mm) Plastic Lead (Pb)
Free Package, RoHS Compliant
• PHEMT process
Description
The HWS447 is a GaAs PHEMT MMIC SPDT
switch operating at DC-6 GHz in a low cost
miniature QFN12L (3 x 3 mm) plastic lead (Pb) free
package. The HWS447 features low insertion loss
and high isolation with very low DC power
consumption. This switch can be used in WiMAX or
IEEE 802.11a/b/g WLAN PC card and access point
applications as transmit/receive switch, antenna
diversity switch, or band-selection switch.
QFN12L (3 x 3 mm)
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
0.10-6.00 GHz
2.30-2.70 GHz
3.30-3.90 GHz
5.15-5.88 GHz
0.60
0.50
0.50
0.60
0.80
0.80
0.90
dB
dB
dB
dB
Isolation (RFC Port to Off Port)
0.10-6.00 GHz
2.30-2.70 GHz
3.30-3.90 GHz
5.15-5.88 GHz
25
23
18
22
29
27
22
dB
dB
dB
dB
Isolation (RF1 Port to RF2 Port)
0.10-6.00 GHz
2.30-2.70 GHz
3.30-3.90 GHz
5.15-5.88 GHz
18
24
21
18
dB
dB
dB
dB
Return Loss (On Port)
0.10-6.00 GHz
20
dB
Return Loss (Off Port)
0.10-6.00 GHz
12
dB
Input Power for One dB Compression
2.00-6.00 GHz
@+3V
@+5V
36
38
dBm
dBm
Control Current
No RF Power Input
3
10
uA
Note: All measurements made in a 50 ohm system with 0/+3.0V control voltages, unless otherwise specified.


Similar Part No. - HWS447

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS447_V6 HW-HWS447_V6_15 Datasheet
62Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
More results

Similar Description - HWS447

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS486 HW-HWS486 Datasheet
86Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
HWS447_V6 HW-HWS447_V6_15 Datasheet
62Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
HWS531_V2 HW-HWS531_V2 Datasheet
54Kb / 3P
GaAs 0.5-6 GHz SPDT Terminated Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com