Electronic Components Datasheet Search
  English  ▼

X  

HWS451 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS451
Description  GaAs DC-6 GHz SP4T Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS451 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS451 Datasheet HTML 1Page - Hexawave, Inc HWS451 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS451
!
!
April 2005 V1
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Low Insertion Loss : 0.95 dB @ 2.5 GHz
1.25 dB @ 5.8 GHz
• Isolation: 26 dB @ 2.5 GHz
18 dB @ 5.8 GHz
• Low DC Power Consumption
• Miniature QFN12L (3x3 mm) Plastic Lead (Pb)
Free Package
• PHEMT process
Description
The HWS451 is a GaAs PHEMT MMIC SP4T
switch operating at DC-6 GHz in a low cost
miniature QFN12L (3 x 3 mm) plastic lead (Pb) free
package. The HWS451 features low insertion loss
and high isolation with very low DC power
consumption. This switch can be used in WiMAX or
IEEE 802.11a/b/g WLAN PC card and access point
applications.
QFN12L (3 x 3 mm)
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
0.10-6.00 GHz
2.40-2.50 GHz
3.30-3.90 GHz
4.90-5.85 GHz
1.30
0.95
1.00
1.25
1.20
dB
dB
dB
dB
Isolation
0.10-6.00 GHz
2.40-2.50 GHz
3.30-3.90 GHz
4.90-5.85 GHz
21
18
26
22
18
dB
dB
dB
dB
Return Loss
0.10-6.00 GHz
2.40-2.50 GHz
3.30-3.90 GHz
4.90-5.85 GHz
15
20
18
15
dB
dB
dB
dB
Input Power for One dB Compression
2.00-6.00 GHz
36
dBm
Control Current
10
200
uA
Note: All measurements made in a 50 ohm system with 0/+3.0V control voltages, unless otherwise specified.


Similar Part No. - HWS451

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS451_V2 HW-HWS451_V2_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Switch
More results

Similar Description - HWS451

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-415 MACOM-SW-415 Datasheet
22Kb / 2P
Matched GaAs SP4T Switch DC - 2 GHz
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
SW-243 MACOM-SW-243 Datasheet
167Kb / 3P
Reflective GaAs SP4T Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
SW-243 MA-COM-SW-243 Datasheet
85Kb / 3P
Reflective GaAs SP4T Switch DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC165S14 HITTITE-HMC165S14_01 Datasheet
192Kb / 6P
GaAs MMIC SP4T SWITCH DC - 2.0 GHz
logo
Hexawave, Inc
HWS519_V1 HW-HWS519_V1 Datasheet
59Kb / 2P
GaAs 0.5-6 GHz SP4T Switch
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G_15 Datasheet
517Kb / 4P
GaAs SP4T Switch DC - 4.0 GHz
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com