Electronic Components Datasheet Search
  English  ▼

X  

HWS499 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS499
Description  GaAs DC-4 GHz DPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS499 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS499 Datasheet HTML 1Page - Hexawave, Inc HWS499 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS499
GaAs DC-4 GHz DPDT Switch
Jan. 2008
V1
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Low Insertion Loss : 0.9 dB @ 2.50 GHz
1.0 dB @ 3.5 GHz
• Isolation: 22 dB @ 2.50 GHz
20 dB @ 3.5GHz
• Low DC Power Consumption
• Miniature QFN12L (3x3 mm) Plastic Lead (Pb)
Free Package, RoHS Compliant
• PHEMT process
Description
The HWS499 is a GaAs PHEMT MMIC DPDT
switch operating at DC-4 GHz in a low cost
miniature QFN12L (3 x 3 mm) plastic lead (Pb) free
package. The HWS499 features low insertion loss
and high isolation with very low DC power
consumption. This switch can be used in WiMAX or
IEEE 802.11b/g WLAN systems for combination of
transmit/receive and antenna diversity functions.
QFN12L (3 x 3 mm)
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
2.30-2.70 GHz
3.30-3.90GHz
0.9
1.0
1.1
1.3
dB
dB
dB
Isolation
(on-off or off-on)
2.30-2.70 GHz
3.30-3.90 GHz
20.0
17.0
22
20
dB
dB
dB
Input Power for 1 dB Compression
2.00-4.00 GHz
37
38
dBm
Control Current
5
200
uA
Note: All measurements made in a 50 Ohm system with 0/+3.0V control voltages, unless otherwise specified.


Similar Part No. - HWS499

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS499_V3 HW-HWS499_V3_15 Datasheet
60Kb / 2P
GaAs DC-4 GHz DPDT Switch
More results

Similar Description - HWS499

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6030G MACOM-MASW6030G Datasheet
75Kb / 3P
GaAs DPDT Switch DC - 6.0 GHz
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS420 HW-HWS420 Datasheet
74Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040 Datasheet
63Kb / 4P
GaAs DPDT Switch DC - 2.0 GHz
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
GaAs DPDT Switch DC - 6.0 GHz
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
Hexawave, Inc
HWS499_V3 HW-HWS499_V3_15 Datasheet
60Kb / 2P
GaAs DC-4 GHz DPDT Switch
HWS465_V4 HW-HWS465_V4_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com