Electronic Components Datasheet Search
  English  ▼

X  

HWS2152 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS2152
Description  GaAs DC-2.0 GHz SPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS2152 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS2152 Datasheet HTML 1Page - Hexawave, Inc HWS2152 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HWS2152
March 2004 V2
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw All specifications are subject to change without notice.
Typical Performance Data @ +25°C
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.0 Insertion Loss vs Frequency
frequency
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
>100 MHz
33 dBm
Control Voltage
+8V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Pin Out (Top View)
!
Logic Table for Switch On-Path
VC
___
VC
RF1-RF2
RF1-RF3
1
0
Isolation
Insertion Loss
0
1
Insertion Loss
Isolation
‘1’ = +5V to +8V
‘0’ = 0V to -0.2V
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50 Isolation vs Frequency
frequency (GHz)
0.0
0.5
1.0
1.5
2.0
2.5
1.00
1.05
1.10
1.15
1.20
1.25
1.30
VSWR vs Frequency
frequency (GHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com