Electronic Components Datasheet Search
  English  ▼

X  

CMP-3A6 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # CMP-3A6
Description  MIXERS TRIPLE-BALANCED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

CMP-3A6 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  CMP-3A6 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ 78 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
MIXERS
TRIPLE-BALANCED
MIXERS
TRIPLE-BALANCED
HIGH DYNAMIC RANGE
LO = +13 dBm
0.5 - 2000
0.2 - 600
5.8/8
7.2/9.5
60/45
35/30
30/25
55/40
30/25
25/20
105
1
CMP-3A6
10 - 4200
10 - 1000
7.5/8.5
7.5/11
35/25
40/25
35/25
35/20
35/25
27/20
105
2
CMP-3A8
5 - 2500
10 - 1000
6.4/8.5
7/9.5
33/25
35/25
25/20
33/20
30/25
27/20
104
3
CMP-6A7
NOTES:
1. 1dB Compression Point = +10 dBm (Typ)
2. IP3 (Input) = +20 dBm (Typ)
3. As IF frequency decrease below LF towards DC, conversion loss increases
up to 8 dB higher than maximum.
4. Maximum Input Power without damage = 500 mW ave. cw
THROUGH HOLE (RELAY)
THROUGH HOLE (TO-CAN)
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PACKAGE
MODEL
PIN
OUT
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PACKAGE
MODEL
PIN
OUT
XMB= 2LF to HF/2
FULL BAND = LF to HF
LB= LF to 10LF
MB = 10LF to HF/2
UB= HF/2 to HF
#1
1
4
233
--
#2
4
1
233
--
#3
2
8
11
All Others
--
--
RF
LO
IF
GND
CASE GND
NO CONN.
GND = Ground externally
For pin location and package outline drawings, see back pages.
PIN-OUT TABLE


Similar Part No. - CMP-3A6

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
CMP-305 SYNERGY-CMP-305 Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
CMP-310 SYNERGY-CMP-310 Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
More results

Similar Description - CMP-3A6

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
CVP-206 SYNERGY-CVP-206 Datasheet
41Kb / 2P
MIXERS TRIPLE-BALANCED
SLD-K5M SYNERGY-SLD-K5M Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
logo
Marki Microwave
M2-0020 MARKIMICROWAVE-M2-0020 Datasheet
199Kb / 2P
TRIPLE-BALANCED MIXERS
M2-0226 MARKIMICROWAVE-M2-0226 Datasheet
247Kb / 3P
TRIPLE-BALANCED MIXERS
M2-0240 MARKIMICROWAVE-M2-0240 Datasheet
143Kb / 2P
TRIPLE-BALANCED MIXERS
M2-0243 MARKIMICROWAVE-M2-0243 Datasheet
138Kb / 2P
TRIPLE-BALANCED MIXERS
M2-0440 MARKIMICROWAVE-M2-0440 Datasheet
191Kb / 2P
TRIPLE-BALANCED MIXERS
M2B-0218 MARKIMICROWAVE-M2B-0218 Datasheet
192Kb / 2P
TRIPLE-BALANCED MIXERS
M2H-0220 MARKIMICROWAVE-M2H-0220 Datasheet
246Kb / 3P
TRIPLE-BALANCED MIXERS
M2H-0226 MARKIMICROWAVE-M2H-0226 Datasheet
242Kb / 3P
TRIPLE-BALANCED MIXERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com