Electronic Components Datasheet Search
  English  ▼

X  

JWS Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWS
Description  Internationally Approved Rockers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWS Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWS Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWS Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWS Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWS Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWS Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWS Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series JWS
Internationally Approved Rockers
www.nkk.com
B52
B
Barrier Color
A
Black
Spot Illumination
No
Code
Nonilluminated
C
Red LED
D
Amber LED
F
Green LED
TYPICAL SWITCH ORDERING EXAMPLE
1
R
JW
Black Housing/No Barrier
DPST
ON-NONE-OFF Circuit
Circuit
1
ON
NONE
OFF
Barrier Types
R
No Barrier
B
With Barrier
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JWS21RAA
Black Rocker Cap
A
Rating
S
10A @ 125/250V AC
6A @ 125/250V AC (UL/CSA)
5A (3A) @ 125/250V AC (VDE)
Cap Colors
A
Black
* B
Ivory
C
Red
* For Nonilluminated only
Poles
1
SPST
Nonilluminated &
Illuminated
2
DPST
Nonilluminated only
A
S
Housing Colors
A
Black
* B
Ivory
* For Nonilluminated only
IMPORTANT:
cULus & VDE markings are
standard on all models. Models
& specific ratings are noted on
General Specifications page.
Note: Wire harness & cable
assemblies offered
only in Americas



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com