Electronic Components Datasheet Search
  English  ▼

X  

HSB13060C Datasheet(PDF) 1 Page - Pro-Power

Part # HSB13060C
Description  Heatshrinks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

HSB13060C Datasheet(HTML) 1 Page - Pro-Power

  HSB13060C Datasheet HTML 1Page - Pro-Power HSB13060C Datasheet HTML 2Page - Pro-Power HSB13060C Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Heatshrinks
Page <1>
18/05/12 V1.1
Features:
• Ten size and six colour variations of thin-walled heatshrink
tubing in easy to dispense display cartons
• Manufactured from cross-linked semi-flexible polyolefin which
shrinks uniformly to form a permanent insulating covering
• Upon recovery, thin wall tube will conform to the shape it is
applied over
• Ideal for low voltage electrical insulation up to 1,000 V
Basic Properties - Thin Walled Heatshrink Tubing
Operating Temperature
: -40°C to +125°C
Shrink Ratio
: 2:1
Standard Colours
: Black, blue, red, yellow and transparent
Other
: Flame retardent. Self-extinguishing. Thin dual wall adhesive lining. 3:1 shrink ratio
Dimensions : Millimetres
Specification Table
Colours
Minimum
Inner Ø as
Supplied (D)
Maximum
Inner Ø
Recovered (d)
Wall
Thickness
Recovered (W)
Length Per
Box (M)
Part Number
Black
1.2
0.6
0.45
15
HSB1206BLK
Brown
HSB1206BR
Clear
HSB1206C
Blue
HSB1206BLUE
Grey
HSB1206GY
Green / Yellow
HSB1206GRY
Black
1.6
0.8
HSB1608BLK
Brown
HSB1608BR
Clear
HSB1608C
Dimensions : Millimetres


Similar Part No. - HSB13060C

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSB13-303014 CUI-HSB13-303014 Datasheet
372Kb / 3P
HEAT SINK
logo
JL World Company Limite...
HSB1318A JLWORLD-HSB1318A Datasheet
1Mb / 1P
Speaker Sound Generators
HSB1318H JLWORLD-HSB1318H Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSB1318H-8 JLWORLD-HSB1318H-8 Datasheet
1Mb / 1P
Specification for other impedance is available upon request
logo
Hi-Sincerity Mocroelect...
HSB1386A HSMC-HSB1386A Datasheet
48Kb / 4P
LOW FREQUENCY TRANSISTOR (-20V, -4A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com