Electronic Components Datasheet Search
  English  ▼

X  

SF17 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SF17
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SF17 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SF17 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SF17 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.galaxycn.com
Document Number 0264028
2.
BLGALAXY ELECTRICAL
FIG.6 -- TYPICAL REVERSE CHARACTERISTIC
PERCENT OF RATED PEAK REVERSE VOLTAGE,
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
SF17 --- SF19
RATINGS AND CHARACTERISTIC CURVES
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME BASE FOR 10/20 ns/cm
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
-1.0A
-0.25A
0
+0.5A
t rr
1c m
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
0
10
1
10
100
15
8.3ms Single Half
Sine-Wave
25
20
5
30
5
50
0.1
1.0
10
0.5
1.0
2.5
0.01
1.5
2.0
0
100
3.0
3.5
0.02
0.04
0.2
0.4
2.0
4.0
20
40
T J = 2 5
P u ls e W id th = 3 0 0
µ s
. 0 1
.1
1
100
20
40
100
60
80
0
10
T J = 100
120
T J =2 5
140
1
2
4
6
10
20
40
60
100
0.1 0.2
0.4
1
2
4
10
40
100
20
TJ=25
f=1.0MHZ
0
25
50
75
100 125
150
175
0
1
2
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm)Lead Length
SF18-SF19
SF17



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com