Electronic Components Datasheet Search
  English  ▼

X  

30SA Datasheet(PDF) 1 Page - Weller Tools

Part # 30SA
Description  Reverse-action tweezers, curved 50°, with robust pointed tips.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

30SA Datasheet(HTML) 1 Page - Weller Tools

  30SA Datasheet HTML 1Page - Weller Tools 30SA Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROFESSIONAL
Product Information
30SA
Product no.: 30SA
Reverse-action tweezers, curved 50°, with robust pointed tips.
source images
For applications in biology, medicine, laboratory
technology and microelectronics
Bent shape facilitates access to confined spaces
Special stainless steel, nonmagnetic, non-rusting,
acid-proof, heat-resistant
The perfect Combination - Precision, design, symmetry and balance
Weller Erem™ has a wide range of Tweezers, each designed to be strong, comfortable and precise. Manufactured with uncompromising Swiss quality and created for worldwide
applications, including electronics assembly and healthcare, Weller Erem Tweezers are built to last. Feel the difference with Weller Erem™ – the proven choice. Every time.
Swiss
Made
PRECISION
TOOLS


Similar Part No. - 30SA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30S MICROSEMI-30S Datasheet
82Kb / 2P
3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
30S1 MICROSEMI-30S1 Datasheet
82Kb / 2P
3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Micro Commercial Compon...
30S1 MCC-30S1 Datasheet
185Kb / 4P
3 Amp Medium Power Silicon Rectifier 50 - 1000 Volts
logo
Microsemi Corporation
30S10 MICROSEMI-30S10 Datasheet
82Kb / 2P
3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
More results

Similar Description - 30SA

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
logo
List of Unclassifed Man...
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
logo
3M Electronics
6473 3M-6473 Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
10-Jul-2002
logo
List of Unclassifed Man...
49157 ETC2-49157 Datasheet
138Kb / 1P
Long Tweezers With Serrated Pattern Tips
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
Test Lead with Stackable Pin Tips
logo
PHOENIX CONTACT
1212490 PHOENIX-1212490 Datasheet
49Kb / 2P
Pointed pliers - MICROFOX-R
1212492 PHOENIX-1212492 Datasheet
49Kb / 2P
Pointed pliers - MICROFOX-PC
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
TOL-12572 SPARKFUN-TOL-12572 Datasheet
75Kb / 1P
Tweezers - Curved (cross-lock, ESD Safe)
5??5??7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com