Electronic Components Datasheet Search
  English  ▼

X  

MA700 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MA700
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MA700 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MA700 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MA700 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MA700 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.galaxycn.com
Document Number 0265004
2.
MA700
FORWARD VOLTAGE VF,VOLTS
AMBIENT TEMPERATURE TA,
REVERSE VOLTAGE VR, VOLTS
FIG.1 -- FORWARD VOLTAGE VS. FORWARD CURRENT
FIG.2 -- FORWARD VOLTAGE VS. AMBIENT
TEMPERUTURE
RATINGS AND CHARACTERISTIC CURVES
FIG.4 -- MA700 JUNCTION CAPACITANCE
REVERSE VOLTAGE VR, VOLTS
FIG.3 -- MA700 REVERSE CHARACTERISTICS
0.8
0
-2
10
0.4
0.2
0.6
1.2
1.0
-1
10
1
10
2
10
10
3
Tamb=125
Tamb=75
Tamb=25
Tamb=20
-40
0
40
80
0
1.0
0.2
0.8
0.4
0.6
160
120
IF=10mA
IF=30mA
IF=3mA
25
1
30
0
5
10
15
20
10
10
10
10
10
5
4
3
2
Ta=25
Ta=25
Ta=75℃
1.2
1.6
515
20
30
25
0
2.4
2.0
0.8
0.4
10
BLGALAXY ELECTRICAL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com