Electronic Components Datasheet Search
  English  ▼

X  

BAT48 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BAT48
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAT48 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BAT48 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAT48 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNITS
Reverse breakover voltage
at IR=100µA
Forward voltage pulse test tp<300
µs,δ<2%
@IF=0.1mA
@IF=1.0mA
@IF=10mA
@IF=50mA
@IF=200mA
@IF=500mA
Leakage current pulse test tp<300µs,δ<2%
@VR=10V
@VR=10V,TJ=60℃
@VR=20V
@VR=20V,TJ=60℃
@VR=40V
@VR=40V,TJ=60℃
Junction capacitance at VR=1V f=1MHZ
CJ
pF
1)Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature(DO-35).
0.30
MIN
TYP
MAX
--
-
-
--
-12
--
--
-
-
ELECTRICAL CHARACTERISTICS
V
IR
µ A
V(BR)R
40
-
-
VF
-
0.25
-
0.40
-
-25
0.75
-
25
-
-
-
-
-
-
-
www.galaxycn.com
0.90
V
0.50
-
50
5.0
2.0
15
BLGALAXY ELECTRICAL
Document Number 0265012
2.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com