Electronic Components Datasheet Search
  English  ▼

X  

SB220 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SB220
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SB220 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SB220 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SB220 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Metal-Sem iconductor junction with guard ring
Epitaxial cons truction
Low forward voltage drop,low s witching loss es
High s urge capability
MECHANICAL DATA
Cas e:JEDEC DO--15,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.014 ounces ,0.39 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res istive or inductive load. For capacitive load,derate by 20%.
SB230
SB240
SB250
SB260
UNITS
Maximum recurrent peak reverse voltage
VRRM
30
40
50
60
V
Maximum RMS voltage
VRMS
21
28
35
42
V
Maximum DC blocking voltage
VDC
30
40
50
60
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ 2.0A (Note1)
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
Note: 1. Pulse test : 300
s pulse width,1% duty cy cle.
SB220 --- SB260
A
For us e in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
SCHOT TKY BARRIER RECT IFIER
VOLTAGE RANGE: 20 --- 60V
CURRENT: 2.0 A
DO - 15
3.Thermal resistance junction to ambient.
mA
IR
IFSM
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
35
0.55
- 55 ---- + 150
20
The plas tic m aterial carries U/L recognition 94V-0
20
SB220
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
14
- 55 ---- + 125
GALAXY ELECTRICAL
50.0
170
2.0
20.0
0.5
0.70
www.galaxycn.com
BL
Document Number 0266005
1
.
BLGALAXY ELECTRICAL


Similar Part No. - SB220

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SB220 TRSYS-SB220 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB220 ZOWIE-SB220 Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SB220 EIC-SB220 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - SB220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com