Electronic Components Datasheet Search
  English  ▼

X  

P271-DF12DR Datasheet(PDF) 1 Page - TT Electronics.

Part # P271-DF12DR
Description  Panel Potentiometer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P271-DF12DR Datasheet(HTML) 1 Page - TT Electronics.

  P271-DF12DR Datasheet HTML 1Page - TT Electronics. P271-DF12DR Datasheet HTML 2Page - TT Electronics. P271-DF12DR Datasheet HTML 3Page - TT Electronics. P271-DF12DR Datasheet HTML 4Page - TT Electronics. P271-DF12DR Datasheet HTML 5Page - TT Electronics. P271-DF12DR Datasheet HTML 6Page - TT Electronics. P271-DF12DR Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Panel Potentiometer
Model P270 / P271 / P272 / P278
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
© TT electronics plc
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 1
Description:
27,8mm Diameter Conductive Plastic Potentiometer for Heavy Duty Applications and Long Life
Applications:
•
Machine Controls
•
Welding equipment
•
Foot pedal controls
Features:
•
1,000,000 Cycle Life
•
Sealed unit available
•
Conductive Plastic element
•
Dual Gang available
•
Center Tap available
•
Several electrical angles available to cross to Honeywell 380, RV4,
485, 53C and 385 Series
•
Meets MIL-PRF-94 requirements.
Electrical Characteristics
TA = 25ᵒC unless otherwise noted
Resistance Range
200 ohms-1MEG (for “B” taper)
1K-1MEG (for other tapers)
Standard Resistance Tolerance
1K to 1 MEG: ±10%
<500 ohms: ±20%
Residual Resistance
6 ohms max.
Nominal Electrical Travel,
See Page 3 for available Electrical angles
Input Voltage, maximum
500 Vdc not to exceed power rating
Rated Power
2.0 Watts @70°C for “B” Taper, 1.0 Watt for other tapers
Dielectric Strength
1000 VAC, 1 minute
Rotational Noise
100mV max.
Insulation Resistance
50M ohms at 500 Vdc
Gang Error (Dual Unit)
±3dB (-40dB to 0dB)
Solder Lugs, Single Gang
P270
Solder Lugs, with Center Tap
P271
Solder Lugs, Dual Gang
P272
Solder lugs, Single Gang for heavy side load applications
P278
Model Styles Available


Similar Part No. - P271-DF12DR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P271 BITECH-P271 Datasheet
290Kb / 3P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P271 BITECH-P271 Datasheet
158Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
Microsemi Corporation
P2715 MICROSEMI-P2715 Datasheet
135Kb / 2P
GaAs Flip Chip PIN Diodes
logo
Kemet Corporation
P271CE102M250A KEMET-P271CE102M250A Datasheet
1Mb / 13P
PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P271EE102M250A KEMET-P271EE102M250A Datasheet
1Mb / 13P
PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
More results

Similar Description - P271-DF12DR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE60 VISHAY-PE60 Datasheet
123Kb / 5P
Power Panel Potentiometer
05-Jun-08
logo
TT Electronics.
P08X TTELEC-P08X Datasheet
1Mb / 7P
Panel Potentiometer
P09X TTELEC-P09X Datasheet
976Kb / 6P
Panel Potentiometer
P090 TTELEC-P090 Datasheet
546Kb / 3P
Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
Power Panel 6 W Potentiometer
04-Jul-17
logo
CTS Corporation
09VR CTS-09VR Datasheet
1Mb / 7P
9mm Panel Potentiometer
11VR CTS-11VR Datasheet
1Mb / 8P
11mm Panel Potentiometer
14VR CTS-14VR Datasheet
922Kb / 5P
14mm Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
Power Panel 6 W Potentiometer
12-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com