Electronic Components Datasheet Search
  English  ▼

X  

RF2373 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2373
Description  3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2373 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2373 Datasheet HTML 1Page - RF Micro Devices RF2373 Datasheet HTML 2Page - RF Micro Devices RF2373 Datasheet HTML 3Page - RF Micro Devices RF2373 Datasheet HTML 4Page - RF Micro Devices RF2373 Datasheet HTML 5Page - RF Micro Devices RF2373 Datasheet HTML 6Page - RF Micro Devices RF2373 Datasheet HTML 7Page - RF Micro Devices RF2373 Datasheet HTML 8Page - RF Micro Devices RF2373 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF2373
Rev A5 DS060907
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
W-CDMA Low Noise Amplifier
Frequency Range
1920
2045
2170
MHz
Gain
15.5
17.5
19.5
dB
ICC=10mA
Noise Figure
1.2
1.4
dB
IIP3
6
8
dBm
IP1dB
-3
-1
dBm
Input VSWR
1.8
2.3
Output VSWR
1.6
2.1
WLAN Low Noise Amplifier
Frequency
2400
2450
2500
MHz
Gain
13.0
15.0
17.0
dB
ICC=10mA
Noise Figure
1.3
1.5
dB
IIP3
7.5
9.5
dBm
P1dB
-5.5
-3.5
dBm
Input VSWR
1.7
2.2
Output VSWR
1.1
1.6
Cellular Driver
Frequency
820
880
960
MHz
Gain
20.0
22.0
24.0
dB
ICC=18mA
Noise Figure
1.2
1.4
dB
OIP3
19
21
dBm
OP1dB
9
11
dBm
Input VSWR
2.0
2.5
Output VSWR
4.0
4.5
PCS Driver
Frequency Range
1850
1920
1990
MHz
Gain
16.5
18.5
20.5
dB
ICC=18mA
Noise Figure
1.3
1.5
dB
OIP3
21.5
23.5
dBm
OP1dB
10.5
12.5
dBm
Input VSWR
1.8
2.3
Output VSWR
1.6
2.1
W-CDMA Driver
Frequency Range
1920
2045
2170
MHz
Gain
15.0
17.5
20.0
dB
ICC=18mA
Noise Figure
1.3
1.5
dB
OIP3
23.5
25.5
dBm
OP1dB
14.5
16.5
dBm
Input VSWR
1.8
2.3
Output VSWR
1.6
2.1
WLAN Driver
Frequency
2400
2450
2500
MHz
Gain
13.5
15.5
17.5
dB
ICC=18mA
Noise Figure
1.4
1.6
dB
OIP3
23
25
dBm
OP1dB
10
12
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com