Electronic Components Datasheet Search
  English  ▼

X  

RF2363 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2363
Description  DUAL-BAND 3V LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2363 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2363_1 Datasheet HTML 4Page - RF Micro Devices RF2363_1 Datasheet HTML 5Page - RF Micro Devices RF2363_1 Datasheet HTML 6Page - RF Micro Devices RF2363_1 Datasheet HTML 7Page - RF Micro Devices RF2363_1 Datasheet HTML 8Page - RF Micro Devices RF2363_1 Datasheet HTML 9Page - RF Micro Devices RF2363_1 Datasheet HTML 10Page - RF Micro Devices RF2363_1 Datasheet HTML 11Page - RF Micro Devices RF2363_1 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RF2363
Rev B3 DS040114
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Output 3rd Order Intercept Point versus Frequency
1900 MHz LNA
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
1800.0 1810.0 1820.0 1830.0 1840.0 1850.0 1860.0 1870.0 1880.0 1890.0
Frequency (MHz)
-40°C, 2.8V
-40°C, 3.2V
+25°C, 2.8V
+25°C, 3.2V
+85°C, 2.8V
+85°C, 3.2V
Output 3rd Order Intercept Point versus Frequency
900 MHz LNA
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
925.0
930.0
935.0
940.0
945.0
950.0
955.0
960.0
Frequency (MHz)
-40°C, 2.8V
-40°C, 3.2V
+25°C, 2.8V
+25°C, 3.2V
+85°C, 2.8V
+85°C, 3.2V
Current versus Supply Voltage
1900 MHz LNA
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
2.52.7
2.93.1
3.33.5
Supply Voltage (VDC)
1900 LNA, -40°C
1900 LNA, +25°C
1900 LNA, +85°C
Current versus Supply Voltage
900 MHz LNA
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
2.5
2.7
2.9
3.1
3.3
3.5
Supply Voltage (VDC)
900 LNA, -40°C
900 LNA, +25°C
900 LNA, +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com