Electronic Components Datasheet Search
  English  ▼

X  

RF2362 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2362
Description  PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2362 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2362 Datasheet HTML 1Page - RF Micro Devices RF2362 Datasheet HTML 2Page - RF Micro Devices RF2362 Datasheet HTML 3Page - RF Micro Devices RF2362 Datasheet HTML 4Page - RF Micro Devices RF2362 Datasheet HTML 5Page - RF Micro Devices RF2362 Datasheet HTML 6Page - RF Micro Devices RF2362 Datasheet HTML 7Page - RF Micro Devices RF2362 Datasheet HTML 8Page - RF Micro Devices RF2362 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
5
4
RF IN
GND1
VPD
RF OUT
GND2
RF2362
PCS CDMA/TDMA 3V
PA DRIVER AMPLIFIER
The RF2362 is a low noise CDMA/TDMA PA driver amplifier with a very
high dynamic range designed for transmit digital PCS applications at
1880MHz. The device functions as an outstanding PA driver amplifier in
the transmit chain of digital subscriber units where low transmit noise
power is a concern. The IC includes a power down feature that can be
used to completely turn off the device. The IC is featured in a standard
SOT 5-lead plastic package.
Features
Low Noise and High Intercept
Point
Adjustable Bias Current
Power Down Control
Single 2.5V to 6.0V Power
Supply
150MHz to 2500MHz Opera-
tion
Extremely Small SOT23-5
Package
Applications
TDMA/CDMA/FM PCS Tx
Amplifier
Low Noise Transmit Driver
Amplifier
2.4GHz WLAN Systems
General Purpose Amplifica-
tion
Commercial and Consumer
Systems
RF2362
PCS CDMA/TDMA 3V PA Driver Amplifier
RF2362PCBA-41X
Fully Assembled Evaluation Board
Rev A6 DS070816
Package Style: SOT 5-Lead Package


Similar Part No. - RF2362

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362PCBA RFMD-RF2362PCBA Datasheet
83Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362PCBA RFMD-RF2362PCBA Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results

Similar Description - RF2362

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2367 RFMD-RF2367_1 Datasheet
252Kb / 10P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com