Electronic Components Datasheet Search
  English  ▼

X  

MP8007GV Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8007GV
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007GV Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8007GV Datasheet HTML 17Page - Monolithic Power Systems MP8007GV Datasheet HTML 18Page - Monolithic Power Systems MP8007GV Datasheet HTML 19Page - Monolithic Power Systems MP8007GV Datasheet HTML 20Page - Monolithic Power Systems MP8007GV Datasheet HTML 21Page - Monolithic Power Systems MP8007GV Datasheet HTML 22Page - Monolithic Power Systems MP8007GV Datasheet HTML 23Page - Monolithic Power Systems MP8007GV Datasheet HTML 24Page - Monolithic Power Systems MP8007GV Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
21
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
In PG high condition, PG pin is pulled up by
internal 30μA current source while clamped by
one 5.5V zener between PG and RTN. In PG
low condition, internal 30μA current source is
disabled and PG pin is pulled low by about
460k Ω pull-down resistor between PG and
RTN(GND). Generally, float PG for automatic
startup after power is connected. PG pin can be
pulled low externally but the signal sink current
capability must be higher than the internal
current source. The zener on PG pin is used to
clamp internal 30μA current, do not connect
external signal with higher than 5.5V voltage to
PG pin.
T2P Indicator Connection
The T2P pin is an active-low, open-drain output
which indicates the presence of a Type-2 PSE
or AUX is enabled. An opto-coupler is usually
used as the interface from the T2P pin to
circuitry on output of the converter as figure 8
shown. A high-gain opto-coupler and a high-
impedance (for example, CMOS) receiver are
recommended.
Figure 8: T2P Indicator Circuit
Considering T2P sinking current (2mA typical),
T2P output low voltage 0.1V and diode forward
voltage drop, choose RT2P=23.7kΩ to match the
typical 48V VDD input. Suppose VOUT of DCDC
converter is 12V, usually choose RT2P-O=20kΩ
based on the CRT even it may vary with
temperature, LED bias current and aging.
If lighten a LED from VDD to T2P to indicate the
T2P`s activity, the RT2P’s resistance can be
higher to match the LED`s max current and
reduce the power-loss.
VCC Power Supply Setting
The VCC voltage is charged through the internal
LDO by VDD. Normally, VCC is regulated at
5.4V, typically. A capacitor no less than 1µF is
recommended for decoupling between VCC and
GND.
In flyback mode, VCC can be powered from the
transformer auxiliary winding to save the high-
voltage LDO power loss.
Figure 9: Supply VCC from auxiliary winding
The auxiliary winding supply voltage can be
calculated with Equation (11):
A
CC
OUT
D1F
DAUXF
S
N
V(V
V ) V
N

(11)
Where NA and NS are the turns of the auxiliary
winding and the output winding, VD1F is the
output rectifier diode voltage drop, and VDAUXF is
the DAUX voltage drop in Figure 9.
VCC voltage is clamped at about 6.2V by one
internal Zener diode. The clamp current
capability is about 1.2mA. If the auxiliary
winding power voltage is higher than 6.2V
(especially in a heavy-load condition), a series
resistor (RAUX) is necessary to limit the current
to VCC. For simple application, supply the VCC
power through the internal LDO directly.
Converter Output Voltage Setting
In DCDC converter, there are two feedback
pins for different application modes.
In flyback mode, the converter detects the
auxiliary winding voltage from FB1. R1 and R2
are the resistor dividers for the feedback
sampling
(see
Figure
10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com