Electronic Components Datasheet Search
  English  ▼

X  

RF2422 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2422
Description  2.5GHZ DIRECT QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2422 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2422_1 Datasheet HTML 1Page - RF Micro Devices RF2422_1 Datasheet HTML 2Page - RF Micro Devices RF2422_1 Datasheet HTML 3Page - RF Micro Devices RF2422_1 Datasheet HTML 4Page - RF Micro Devices RF2422_1 Datasheet HTML 5Page - RF Micro Devices RF2422_1 Datasheet HTML 6Page - RF Micro Devices RF2422_1 Datasheet HTML 7Page - RF Micro Devices RF2422_1 Datasheet HTML 8Page - RF Micro Devices RF2422_1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF2422
Rev A6 DS070817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +7.5
V
DC
Input LO and RF Levels
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Carrier Input
T=25°C, VCC=5V
Frequency Range
800
2500
MHz
Power Level
-6
+6
dBm
Input VSWR
5:1
At 900MHz
1.8:1
At 1800MHz
1.2:1
At 2500MHz
Modulation Input
Frequency Range
DC
250
MHz
Reference Voltage (VREF)2.0
3.0
V
Maximum Modulation (I&Q)
VREF±1.0
V
Gain Asymmetry
0.2
dB
Quadrature Phase Error
3
°
Input Resistance
30
k
Ω
Input Bias Current
40
μA
RF Output
LO=2GHz and -5dBm, I&Q=2.0VPP, SSB
Output Power
-3
+3
dBm
Output Impedance
50
Ω
Output VSWR
3.5:1
At 900MHz
1.3:1
At 2000MHz
1.15:1
At 2500MHz
Harmonic Output
-30
-35
dBc
Sideband Suppression
25
35
dB
Carrier Suppression
30
35
dB
IM3 Suppression
30
35
dB
Intermodulation of the carrier and the desired
RF signal
25
30
dB
Intermodulation of baseband signals
Broadband Noise Floor
At 20MHz offset, VCC=5V.
Tied to VREF: ISIG, QSIG, IREF, and QREF.
-145
dBm/Hz
At 850MHz
-152
dBm/Hz
At 1900MHz
Power Down
Turn On/Off Time
100
ns
PD Input Resistance
50
k
Ω
Power Control “ON”
2.8
V
Threshold voltage
Power Control “OFF”
1.0
1.2
V
Threshold voltage
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com