Electronic Components Datasheet Search
  English  ▼

X  

RF2411 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2411
Description  LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2411 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2411 Datasheet HTML 1Page - RF Micro Devices RF2411 Datasheet HTML 2Page - RF Micro Devices RF2411 Datasheet HTML 3Page - RF Micro Devices RF2411 Datasheet HTML 4Page - RF Micro Devices RF2411 Datasheet HTML 5Page - RF Micro Devices RF2411 Datasheet HTML 6Page - RF Micro Devices RF2411 Datasheet HTML 7Page - RF Micro Devices RF2411 Datasheet HTML 8Page - RF Micro Devices RF2411 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
RF2411
Rev A7 DS070816
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1LNA IN
This pin is NOT internally DC-blocked. An external blocking capacitor must
be provided if the pin is connected to a device with a DC path. A value of
100pF is recommended for 900MHz and 22pF for 1800MHz.
2GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3GND
Same as pin 2.
4GND
Same as pin 2.
5GND
Same as pin 2.
6IF OUT+
Balanced open collector output of the mixer. External bias needs to be sup-
plied to this pin. This can be done with a resistor to V
CC (see application
schematic, “1800MHz, Balanced Resistor Output Matching”), with a balun
(see application schematic, “1800MHz, Output Matching with Balun”) or
when used in a single-ended configuration (see application schematic,
“1800MHz, Single-Ended Resistive Output Matching”). When using a resis-
tor to V
CC the resistor value will set the output impedance. Typical values
for this resistor are 200
Ω to 1kΩ. A shunt inductor/capacitor resonator to
V
CC is needed to maintain proper DC voltage at the mixer. At low resistor
values the resonator may be omitted at the expense of gain, output power
and IP3. To obtain maximum gain and output power a balun as shown in
application schematics “1800MHz, Output Matching with Balun” and
“850MHz, Output Matching with Balun” is recommended. Using both out-
puts and matching them correctly to a single ended load will result in a
6dB gain improvement over the plain single ended configuration.
7IF OUT-
Same as pin 6 except complementary output.
See pin 6.
8LO IN
50
Ω mixer LO input. This pin has an internal pull-up resistor to V
CC and is
not DC-blocked. An external blocking capacitor must be provided if the pin
is connected to a device with a DC path. A value of 100pF is recommended
for 900MHz and 22pF for 1800MHz.
9RF IN+
Balanced mixer RF Input port. This pin is NOT internally DC-blocked. An
external blocking capacitor must be provided if the pin is connected to a
device with a DC path. A value of 100pF is recommended for 900MHz and
22pF for 1800MHz. Matching is required; see the applications schemat-
ics. To minimize the noise figure it is recommended to have a bandpass fil-
ter before this input. This will prevent noise at the image frequency from
being converted to the IF.
10
RF IN-
Same as pin 9 except complementary input.
See pin 9.
11
VCC2
Supply voltage for the mixer bias circuits.
12
VCC1
Supply Voltage for the LNA only. A 47pF external bypass capacitor is
required and an optional 0.01
μF will be required if no other low frequency
bypass capacitors are nearby. The trace length between the pin and the
bypass capacitors should be minimized. The ground side of the bypass
capacitors should connect immediately to ground plane.
LNA IN
IF OUT+
IF OUT-
LO IN
BIAS
RF IN-
RF IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com