Electronic Components Datasheet Search
  English  ▼

X  

SP6015 Datasheet(PDF) 4 Page - SYNC POWER Crop.

Part # SP6015
Description  Synchronous Rectifier Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP6015 Datasheet(HTML) 4 Page - SYNC POWER Crop.

  SP6015 Datasheet HTML 1Page - SYNC POWER Crop. SP6015 Datasheet HTML 2Page - SYNC POWER Crop. SP6015 Datasheet HTML 3Page - SYNC POWER Crop. SP6015 Datasheet HTML 4Page - SYNC POWER Crop. SP6015 Datasheet HTML 5Page - SYNC POWER Crop. SP6015 Datasheet HTML 6Page - SYNC POWER Crop. SP6015 Datasheet HTML 7Page - SYNC POWER Crop. SP6015 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SP6015
Synchronous Rectifier Driver
2020/06/24
Ver 3
Page 4
ELECTRICAL CHARACTERISTICS
(TA=25℃, Vdd=12V, Freq. =50 KHz, Duty Cycle=50%, unless otherwise specified.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SUPPLY INPUT
IDD
Supply current
No load
4.5
mA
VSYNC=0V, Vdd on (Sleep mode)
550
uA
Vdd
Supply voltage
Idd peak < 2A
16
V
Vdd on
Enable voltage
7.9
8.3
8.8
V
Vdd
hysteresis
Enable voltage
0.8
V
Vovp
Over voltage protection
16
16.3
17
V
Vovp
hystersis
0.46
V
SYNC REFERENCE (SYNC)
Vshth
SYNC high threshold
3.2
V
Vslth
SYNC low threshold
0.5
V
Vsync WK
SYNC wake-up voltage
Isync=3mA
4.6
V
Vsync
SYNC clamp voltage
Isync=3mA
Vdd+0.7
V
Isync
SYNC input current
3
mA
Voltage Regulator REFERENCE (VR)
VR
voltage
5.2
5.3
5.4
V
IVR
VR Output Current
30
mA
ON TIME DUTY SETUP ( PIN 5,7 )
Ton-time
Frequency= 10KHz-20KHz,
Duty=20%~50%
26
36
uS
MOSFET GATE DRIVER (MOSG-C)
Voh
Output high voltage
Io =-200mA
10.5
11.0
V
Vol
Output low voltage
Io =200mA
0.3
0.8
V
Td
Propagation delay
No load
280
380
nS
Tpred
Rtiming=33K
Ω
1000
nS
Tr
Rise time
Load = 1nF (*)
12
nS
Tf
Fall time
Load = 1nF (*)
10
nS
Dynamic Protect
Dt
Dynamic variable
Pin3 , 51KΩ
1
uS
Ton-min
MOSG-C on time
PWM adjusts time > Dt
0.9
1
uS
(*) Tr & Tf are measured among 10% and 90% of starting and final voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com