Electronic Components Datasheet Search
  English  ▼

X  

RF2411PCBA-H Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2411PCBA-H
Description  LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2411PCBA-H Datasheet(HTML) 1 Page - RF Micro Devices

  RF2411PCBA-H Datasheet HTML 1Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 2Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 3Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 4Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 5Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 6Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 7Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 8Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LNA IN
GND
GND
GND
GND
IF OUT+
IF OUT-
LNA OUT
NC
VCC1
VCC2
RF IN-
RF IN+
LO IN
RF AMP
MIXER
LNA
RF2411
LOW NOISE AMPLIFIER/MIXER
The RF2411 is a monolithic integrated UHF receiver front-end. The IC con-
tains all of the required components to implement the RF functions of the
receiver except for the passive filtering and LO generation. It contains an
LNA (low-noise amplifier), a second RF amplifier, and a balanced mixer
which can drive a single-ended or balanced load. The output of the LNA is
made available as a pin to permit the insertion of a bandpass filter
between the LNA and the RF/Mixer section. The LNA output is buffered to
permit a wide range of choices for the interstage filter without altering the
VSWR or noise figure at the LNA input and to provide high isolation from
the LO to the input port. The LNA section may be disabled to conserve
power.
Features
Single 3V to 6.5V Power Sup-
ply
500MHz to 1900MHz Opera-
tion
25dB Small Signal Gain
2.5dB Cascaded Noise Figure
8.5mA DC Current Consump-
tion
-8dBm Input IP3
Applications
UHF Digital and Analog
Receivers
Digital Communication Sys-
tems
Spread-Spectrum Communi-
cation Systems
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
General Purpose Frequency
Conversion
RF2411
Low Noise Amplifier/Mixer
RF2411 PCBA-L
Fully Assembled Evaluation Board (850MHz)
RF2411 PCBA-H
Fully Assembled Evaluation Board (1800MHz)
Rev A7 DS070816
RoHS Compliant & Pb-Free Product
Package Style: SOIC-14


Similar Part No. - RF2411PCBA-H

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2411PCBA-H

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2411 RFMD-RF2411 Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2486 RFMD-RF2486 Datasheet
237Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
RF9986 RFMD-RF9986 Datasheet
235Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
HFA3600 INTERSIL-HFA3600_02 Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
RF Micro Devices
RF2411 RFMD-RF2411_06 Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_06 Datasheet
218Kb / 14P
IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_1 Datasheet
363Kb / 12P
IF LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_15 Datasheet
1Mb / 12P
LOW NOISE AMPLIFIER/MIXER
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com