Electronic Components Datasheet Search
  English  ▼

X  

2SA460 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SA460
Description  Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SA460 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SA460 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SA460 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
型  名
社 名
用  途
構 造
最大定格(Ta=25℃)
電 気 的 特 性 (Ta = 25℃)
Vceo
(V)
Vceo
(V)
Ic
(mA)
Pc
(mA)
Tj
(mA)
Icbo最大値
直流またはhfe
(μA)
Vcb(V)
Vce
Ic
(V)
(mA)
2SA460
Mitsubishi
RF,Osc
Ge.Me
-20
-20S
-10
60
85
-30
-20
-
-
-
2SA461
Mitsubishi
RF,Mix,Os
c
〃
-20
-20S
-10
60
85
-30
-20
-
-
-
2SA462
Mitsubishi
RF
〃
-20
-20S
-10
60
85
-30
-20
-
-
-
2SA463
Mitsubishi
RF,Conv
Mix,Osc
〃
-20
-20S
-10
75
85
-30
-20
-
-
-
2SA464
Mitsubishi
〃
〃
-15
-10
-10
60
85
-10
-15
-
-
-
2SA465
Matsushit
a
〃
Ge.AD
-20
-
-5
50
75
-13
-10
-
-
-
2SA466
Toshiba
RF,Conv
Mix,Osc
Ge.D
-18
-
-10
55
85
-12
-18
-
-
-
2SA467
Toshiba
RF
Si.E
-40
-30
-400
400
125
-0.1
-40
70-
-1
-100
2SA468
Toshiba
RF,Conv
Mix,Osc
Ge.D
-18
-
-10
55
85
-12
-18
-
-
-
2SA469
Toshiba
〃
〃
-18
-
-10
55
85
-12
-18
-
-
-
2SA470
Toshiba
〃
〃
-18
-
-10
55
85
-12
-18
-
-
-
2SA471
Toshiba
〃
〃
-18
-
-10
55
85
-12
-18
-
-
-
2SA472
Toshiba
〃
〃
-18
-
-10
55
85
-12
-18
-
-
-
2SA473
Toshiba
PA
Si.E
-30
-30
-3A
10W
(Tc=25)
150
-1
-20
70-
-2
-500
2SA474
Toshiba
RF,Conv
Mix,Osc
Ge.D
-50
-
-50
120
85
-12
-12
-
-
-
2SA475
Toshiba
〃
〃
-20
-
-50
120
85
-12
-12
-
-
-
2SA476
Toshiba
〃
〃
-18
-
-10
55
85
-12
-18
-
-
-
2SA477
Toshiba
RF
〃
-18
-
-10
55
85
-12
-18
-
-
-
2SA478
Toshiba
SW
〃
-40
-40S
-400
125
85
-8
-12
60
-1
-400
2SA479
Toshiba
〃
〃
-40
-40S
-200
125
85
-8
-12
50
-1
-200


Similar Part No. - 2SA460

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA4653 ETC-2SA4653 Datasheet
69Kb / 1P
TRANSISTORS
More results

Similar Description - 2SA460

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
Transistor transistor logic
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com