Electronic Components Datasheet Search
  English  ▼

X  

EE-13 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EE-13
Description  Switching Power Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EE-13 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EE-13 Datasheet HTML 1Page - List of Unclassifed Manufacturers EE-13 Datasheet HTML 2Page - List of Unclassifed Manufacturers EE-13 Datasheet HTML 3Page - List of Unclassifed Manufacturers EE-13 Datasheet HTML 4Page - List of Unclassifed Manufacturers EE-13 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Switching Power Transformers
PQ Series
Shape & Dimensions in
mm
Dimensions in mm (inches)
PART NO. TERMINALPINS
A
B
C+/-0.5
D+/-0.5
E+/-0.5
F
PQ-2016
14
18.5
23.2
20.6
4
5
3.8
PQ-2020
14
22.3
23
20.3
4
5
3.8
PQ-2620
12
20
29.3
25.4
4
7.7
3.8
PQ-2625
12
28.5
29.6
25.5
4
7.62
3.8
PQ-3220
12
23.5
34.4
30.7
4
7.62
3.8
PQ-3230
12
33.5
34.2
30.7
4
7.52
5.08
PQ-3535
12
37.5
39.1
35.6
5
10.16
5.08
PQ-4040
12
41.5
42
38
5
15
5.08
TYPE : H ->HORIZONTAL TYPE V ->VERTICAL TYPE
DESIGN AS CUSTOMER'S REQUESTED SPECIFICATIONS
EP Series
Shape & Dimensions in
mm
Dimensions in mm (inches)
PART NO. TERMINALPINS
A
B
C+/-0.5
D+/-0.5
E+/-0.5
F
TYPE
EP-7
6
9.6
7.4
5.08
4
2.54
9.3
H
EP-10
8
11.8
11
7.5
4
2.5
11
H
EP-13
10
12.7
13.5
10
4
2.5
13.2
H
EP-17
8
15.7
19
15
4
5
19
H
EP-20
10
19.6
22
17.78
4
5.08
25.1
H
TYPE : H ->HORIZONTAL TYPE V ->VERTICAL TYPE
DESIGN AS CUSTOMER'S REQUESTED SPECIFICATIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com