Electronic Components Datasheet Search
  English  ▼

X  

1000AE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1000AE
Description  EG1000AE Specification Sheet
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

1000AE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1000AE Datasheet HTML 1Page - List of Unclassifed Manufacturers 1000AE Datasheet HTML 2Page - List of Unclassifed Manufacturers 1000AE Datasheet HTML 3Page - List of Unclassifed Manufacturers 1000AE Datasheet HTML 4Page - List of Unclassifed Manufacturers 1000AE Datasheet HTML 5Page - List of Unclassifed Manufacturers 1000AE Datasheet HTML 6Page - List of Unclassifed Manufacturers 1000AE Datasheet HTML 7Page - List of Unclassifed Manufacturers 1000AE Datasheet HTML 8Page - List of Unclassifed Manufacturers 1000AE Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
广州依歌
林工 15015008990,提供技术支持
典型应用方案
极限参数
若无特殊说明,环境温度为 25℃
特性参数
符号
范围
OUT 端口电压
VOUT
-0.5~450V
OUT 端口电流
IOUT
5mA~60mA
工作温度
TOPT
-40℃~+120℃
存储温度
TSTG
-50℃~+150℃
ESD 耐压
VESD
2KV
电器工作参数
若无特殊说明,环境温度为 25℃
参数
条件
最小值
典型值
最大值
单位
OUT 输入电压
Iout=30mA
6.5
-
-
V
OUT 端口耐压
Iout=0
450
-
-
V
输出电流
-
5
-
60
mA
静态电流
Vout=10V REXT 悬空
-
0.16
0.25
mA
REXT 端口电压
Vout=10V
-
0.6
-
V
Iout 误差
Iout=5~60mA
±3%
%
温度补偿点 Tsc
-
110
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com