Electronic Components Datasheet Search
  English  ▼

X  

LM2876 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2876
Description  Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2876 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2876 Datasheet HTML 14Page - National Semiconductor (TI) LM2876 Datasheet HTML 15Page - National Semiconductor (TI) LM2876 Datasheet HTML 16Page - National Semiconductor (TI) LM2876 Datasheet HTML 17Page - National Semiconductor (TI) LM2876 Datasheet HTML 18Page - National Semiconductor (TI) LM2876 Datasheet HTML 19Page - National Semiconductor (TI) LM2876 Datasheet HTML 20Page - National Semiconductor (TI) LM2876 Datasheet HTML 21Page - National Semiconductor (TI) LM2876 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application Information (Continued)
spond quickly enough to nonlinearities. This decreased abil-
ity to respond to nonlinearities increases the THD + N speci-
fication.
The desired input impedance is set by R
IN. Very high values
can cause board layout problems and DC offsets at the
output. The value for the feedback resistance, R
f1, should be
chosen to be a relatively large value (10 k
Ω–100 kΩ), and
the other feedback resistance, Ri, is calculated using stan-
dard op amp configuration gain equations. Most audio am-
plifiers are designed from the non-inverting amplifier configu-
ration.
DESIGN A 25W/8
Ω AUDIO AMPLIFIER
Given:
Power Output
25W
Load Impedance
8
Ω
Input Level
1V(max)
Input Impedance
100 k
Ω
Bandwidth
20 Hz–20 kHz ± 0.25 dB
Equation (5) and Equation (6) give:
25W/8
Ω
V
opeak = 20.0V
I
opeak = 2.5A
Therefore the supply required is: ±24.0V @ 2.5A
With 15% regulation and high line the final supply voltage is
±30.36V using Equation (7). At this point it is a good idea to
check the Power Output vs Supply Voltage to ensure that the
required output power is obtainable from the device while
maintaining low THD + N. It is also good to check the Power
Dissipation vs Supply Voltage to ensure that the device can
handle the internal power dissipation. At the same time
designing in a relatively practical sized heat sink with a low
thermal resistance is also important. Refer to Typical Per-
formance Characteristics graphs and the Thermal Con-
siderations section for more information.
The minimum gain from Equation (8) is: A
V
≥ 14
We select a gain of 15 (Non-Inverting Amplifier); resulting in
a sensitivity of 942.8 mV.
Letting R
IN equal 100 k
Ω gives the required input imped-
ance, however, this would eliminate the “volume control”
unless an additional input impedance was placed in series
with the 10 k
Ω potentiometer that is depicted in Figure 1.
Adding the additional 100 k
Ω resistor would ensure the
minumum required input impedance.
For low DC offsets at the output we let R
f1 = 100 k
Ω. Solving
for Ri (Non-Inverting Amplifier) gives the following:
Ri=R
f1/(AV − 1) = 100k/(15 − 1) = 7.1 k
Ω; use 6.8 kΩ
The bandwidth requirement must be stated as a pole, i.e.,
the 3 dB frequency. Five times away from a pole gives
0.17 dB down, which is better than the required 0.25 dB.
Therefore:
f
L =20Hz/5=4Hz
f
H =20kHzx5=100 kHz
At this point, it is a good idea to ensure that the Gain-
Bandwidth Product for the part will provide the designed gain
out to the upper 3 dB point of 100 kHz. This is why the
minimum GBWP of the LM2876 is important.
GBWP
≥ A
V xf3dB=15x100 kHz=1.5 MHz
GBWP = 2.0 MHz (min) for the LM2876
Solving for the low frequency roll-off capacitor, Ci, we have:
Ci
≥ 1/(2π Ri f
L) = 5.9 µF; use 10 µF.
Definition of Terms
Input Offset Voltage: The absolute value of the voltage
which must be applied between the input terminals through
two equal resistances to obtain zero output voltage and
current.
Input Bias Current: The absolute value of the average of
the two input currents with the output voltage and current at
zero.
Input Offset Current: The absolute value of the difference
in the two input currents with the output voltage and current
at zero.
Input Common-Mode Voltage Range (or Input Voltage
Range): The range of voltages on the input terminals for
which the amplifier is operational. Note that the specifica-
tions are not guaranteed over the full common-mode voltage
range unless specifically stated.
Common-Mode Rejection: The ratio of the input common-
mode voltage range to the peak-to-peak change in input
offset voltage over this range.
Power Supply Rejection: The ratio of the change in input
offset voltage to the change in power supply voltages pro-
ducing it.
Quiescent Supply Current: The current required from the
power supply to operate the amplifier with no load and the
output voltage and current at zero.
Slew Rate: The internally limited rate of change in output
voltage with a large amplitude step function applied to the
input.
Class B Amplifier: The most common type of audio power
amplifier that consists of two output devices each of which
conducts for 180˚ of the input cycle. The LM2876 is a
Quasi − AB type amplifier.
Crossover Distortion: Distortion caused in the output stage
of a class B amplifier. It can result from inadequate bias
current providing a dead zone where the output does not
respond to the input as the input cycle goes through its zero
crossing point. Also for ICs an inadequate frequency re-
sponse of the output PNP device can cause a turn-on delay
giving crossover distortion on the negative going transition
through zero crossing at the higher audio frequencies.
THD+N: Total Harmonic Distortion plus Noise refers to the
measurement technique in which the fundamental compo-
nent is removed by a bandreject (notch) filter and all remain-
ing energy is measured including harmonics and noise.
Signal-to-Noise Ratio: The ratio of a system’s output signal
level to the system’s output noise level obtained in the
absence of a signal. The output reference signal is either
specified or measured at a specified distortion level.
Continuous Average Output Power: The minimum sine
wave continuous average power output in watts (or dBW)
that can be delivered into the rated load, over the rated
bandwidth, at the rated maximum total harmonic distortion.
Music Power: A measurement of the peak output power
capability of an amplifier with either a signal duration suffi-
ciently short that the amplifier power supply does not sag
during the measurement, or when high quality external
power supplies are used. This measurement (an IHF stan-
dard) assumes that with normal music program material the
amplifier power supplies will sag insignificantly.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com