Electronic Components Datasheet Search
  English  ▼

X  

EPC10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EPC10
Description  Switching Power Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EPC10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EPC10 Datasheet HTML 1Page - List of Unclassifed Manufacturers EPC10 Datasheet HTML 2Page - List of Unclassifed Manufacturers EPC10 Datasheet HTML 3Page - List of Unclassifed Manufacturers EPC10 Datasheet HTML 4Page - List of Unclassifed Manufacturers EPC10 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Switching Power Transformers
Electrical Characteristics
•
Applicable to flyback,forward,push pull and bridge circuits
•
Output power rating up to 500W
•
Frequency range:15KHz to 200 KHz
•
Design to meet UL,CSA and VDE safety specifications
•
Heat resistance classification : Class A (105 ) or Class B(130 )
•
Flammability retardant rating:UL-0 or 94V-1
EE Series
Shape & Dimensions in
mm
Dimensions in mm (inches)
PART NO.
TERMINALPINS
A
B
C+/-0.5
D+/-0.5 E+/-0.5
F
TYPE
EE-8.3
6
8
8
6
4
2.5
8.3
V
EE-10
8
11.5
10.2
8
4
2.5
10.2
V
EE-13
10
12
12.5
8.5
4
2.5
13
V
EE-16-1
6
14.8
13.3
9
4
3
16
V
EE-16-2
10
15.4
13
10.5
4
3.2
17.1
V
EEL-16
10
28.5
16
12.3
4
4.3
21.9
V
EE-19-1
8
17.6
16
10
4
5
19
V
EE-19-2
10
17.2
16.2
13
4
3.9
20
V
EEL-19
10
31.5
16
10.5
4
4
21.1
V
EEL-19-1
10
15.6
30
24.1
4
3.5
21
H
EE-25-1
6
20
18.2
12.5
4
6.3
25.2
V
EE-25-2
8
21.7
17.5
12.6
4
5
25.2
H
EE-25-3
10
22.2
25
15.4
4
5
26.1
H
EEL-25
8
35.3
17.5
12.5
4
5
25.2
V
EE-30
10
21
29.2
25.2
4
5
30
H
EE-40
14
27.6
30.5
25.8
4
5
40
H
EE-42/15-1
12
33.8
44
35.5
4
5
42
H
EE-42/15-2
16
41.3
48
37.7
4
5
42
H
EE-42/15-3
18
48.7
32
27.5
4
5
45.1
V
EE-42/20-1
12
45
39.8
32.5
4
5
42
V
EE-42/20-2
16
44.2
50
37.8
4
5
42.2
H
EE-42/20-3
18
44.1
37
27.3
4
5
45.3
V
EE-55
20
50
50
45.5
4
5
55
H
EE-65
16
55.2
51.8
45
4
5
65
H
TYPE : H ->HORIZONTAL TYPE V ->VERTICAL TYPE
DESIGN AS CUSTOMER'S REQUESTED SPECIFICATIONS


Similar Part No. - EPC10

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
EPC10 TDK-EPC10 Datasheet
290Kb / 2P
Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
YUXIANG Magnetc materia...
EPC10 YUXIANG-EPC10 Datasheet
100Kb / 2P
EPC CORES
logo
Espros Photonics corp
EPC100 EPC-EPC100 Datasheet
409Kb / 9P
Light-Curtain Device with 2-Wire Bus Interface
EPC100-CSP10 EPC-EPC100-CSP10 Datasheet
409Kb / 9P
Light-Curtain Device with 2-Wire Bus Interface
EPC100-QFN16 EPC-EPC100-QFN16 Datasheet
409Kb / 9P
Light-Curtain Device with 2-Wire Bus Interface
More results

Similar Description - EPC10

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD6D11B SUMIDA-CMD6D11B_07 Datasheet
121Kb / 2P
Power Transformers
CMD5D13 SUMIDA-CMD5D13_07 Datasheet
134Kb / 2P
Power Transformers
CMD4D13 SUMIDA-CMD4D13 Datasheet
122Kb / 2P
Power Transformers
CMD4D11 SUMIDA-CMD4D11_07 Datasheet
119Kb / 2P
Power Transformers
logo
Frontier Electronics.
LAMINATED FRONTIER-LAMINATED Datasheet
133Kb / 1P
Power Transformers
SMV3501 FRONTIER-SMV3501 Datasheet
167Kb / 2P
Switching Power Transformers
logo
List of Unclassifed Man...
P-8672 ETC2-P-8672 Datasheet
300Kb / 1P
POWER TRANSFORMERS
N-9MG ETC2-N-9MG Datasheet
153Kb / 2P
Power Transformers
logo
Frontier Electronics.
SPT FRONTIER-SPT Datasheet
590Kb / 2P
SWITCHING POWER TRANSFORMERS
logo
Pulse A Technitrol Comp...
P5000NL PULSE-P5000NL Datasheet
66Kb / 1P
POWER TRANSFORMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com