Electronic Components Datasheet Search
  English  ▼

X  

LM4670 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4670
Description  Filterless High Efficiency 3W Switching Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4670 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4670 Datasheet HTML 1Page - National Semiconductor (TI) LM4670 Datasheet HTML 2Page - National Semiconductor (TI) LM4670 Datasheet HTML 3Page - National Semiconductor (TI) LM4670 Datasheet HTML 4Page - National Semiconductor (TI) LM4670 Datasheet HTML 5Page - National Semiconductor (TI) LM4670 Datasheet HTML 6Page - National Semiconductor (TI) LM4670 Datasheet HTML 7Page - National Semiconductor (TI) LM4670 Datasheet HTML 8Page - National Semiconductor (TI) LM4670 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics (Notes 1, 2)
The following specifications apply for A
V = 2V/V (RI = 150k
Ω), R
L =15µH+8
Ω + 15µH unless otherwise specified. Limits
apply for T
A = 25˚C. (Continued)
Symbol
Parameter
Conditions
LM4670
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
P
O
Output Power (Note 11)
R
L =15µH+8
Ω + 15µH,
THD = 10% (max)
f = 1kHz, 22kHz BW
V
DD =5V
V
DD = 3.6V
V
DD = 2.5V
1.65
850
400
W
mW
mW
R
L =15µH+8
Ω + 15µH,
THD+N = 1% (max)
f = 1kHz, 22kHz BW
V
DD = 5V,
V
DD = 3.6V,
V
DD = 2.5V,
1.35
680
325
600
W
mW (min)
mW
THD+N
Total Harmonic Distortion + Noise
V
DD = 5V, PO =1WRMS,
f = 1kHz
0.35
%
V
DD = 3.6V, PO = 0.5WRMS,
f = 1kHz
0.30
%
V
DD = 3.6V, PO = 0.5WRMS,
f = 5kHz
0.30
%
V
DD = 3.6V, PO = 0.5WRMS,
f = 10kHz
0.30
%
V
DD = 3.6V,
V
Ripple = 200mVPP Sine,
f
Ripple = 217Hz
Inputs to AC GND, C
I = 0.1µ,
Input Referred
68
dB
PSRR
Power Supply Rejection Ratio
V
DD = 3.6V,
V
Ripple = 200mVPP Sine,
f
Ripple = 1kHz
Inputs to AC GND, C
I = 0.1µF
Input Referred
65
dB
V
DD = 3.6V,
V
Ripple = 200mVPP Sine,
f
Ripple = 217Hz
f
IN = 1kHz, PO = 10mWRMS
Input Referred
62
dB
SNR
Signal to Noise Ratio
V
DD = 5V, PO =1WRMS
93
dB
e
OUT
Output Noise
V
DD = 3.6V, f = 20Hz – 20kHz
Inputs to AC GND, C
I = 0.1µF
No Weighting, Input Referred
85
µV
RMS
V
DD = 3.6V, Inputs to AC GND
C
I = 0.1µF, A Weighted
Input Referred
65
µV
RMS
CMRR
Common Mode Rejection Ratio
V
DD = 3.6V, VRipple =1VPP Sine
f
Ripple = 217Hz, Input Referred
80
dB
T
WU
Wake-up Time
V
DD = 3.6V
1.35
ms
T
SD
Shutdown Time
V
DD = 3.6V
0.01
ms
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com