Electronic Components Datasheet Search
  English  ▼

X  

LM4766 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4766
Description  Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4766 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4766_06 Datasheet HTML 10Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 11Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 12Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 13Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 14Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 15Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 16Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 17Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Typical Performance Characteristics (Continued)
Input Bias Current vs
Case Temperature
Mute Attenuation vs
Mute Current (per Amplifier)
10092867
10092885
Mute Attenuation vs
Mute Current (per Amplifier)
Output Power/Channel
vs Supply Voltage
f = 1kHz, R
L =4
Ω, 80kHz BW
10092886
10092891
Output Power/Channel
vs Supply Voltage
f = 1kHz, R
L =6
Ω, 80kHz BW
Output Power/Channel
vs Supply Voltage
f = 1kHz, R
L =8
Ω, 80kHz BW
10092892
10092893
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com