Electronic Components Datasheet Search
  English  ▼

X  

LM4861 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4861
Description  1.1W Audio Power Amplifier with Shutdown Mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4861 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4861_03 Datasheet HTML 4Page - National Semiconductor (TI) LM4861_03 Datasheet HTML 5Page - National Semiconductor (TI) LM4861_03 Datasheet HTML 6Page - National Semiconductor (TI) LM4861_03 Datasheet HTML 7Page - National Semiconductor (TI) LM4861_03 Datasheet HTML 8Page - National Semiconductor (TI) LM4861_03 Datasheet HTML 9Page - National Semiconductor (TI) LM4861_03 Datasheet HTML 10Page - National Semiconductor (TI) LM4861_03 Datasheet HTML 11Page - National Semiconductor (TI) LM4861_03 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LM4861 MDA MWA
1.1W Audio Power Amplifier with Shutdown Mode
01198626
Die Layout (B - Step)
DIE/WAFER CHARACTERISTICS
Fabrication Attributes
General Die Information
Physical Die Identification
LM4861B
Bond Pad Opening Size (min)
83µm x 83µm
Die Step
B
Bond Pad Metalization
ALUMINUM
Physical Attributes
Passivation
VOM NITRIDE
Wafer Diameter
150mm
Back Side Metal
BARE BACK
Dise Size (Drawn)
1372µm x 2032µm
54.0mils x 80.0mils
Back Side Connection
GND
Thickness
406µm Nominal
Min Pitch
108µm Nominal
Special Assembly Requirements:
Note: Actual die size is rounded to the nearest micron.
Die Bond Pad Coordinate Locations (B - Step)
(Referenced to die center, coordinates in µm) NC = No Connection, N.U. = Not Used
SIGNAL NAME
PAD# NUMBER
X/Y COORDINATES
PAD SIZE
XYX
Y
SHUTDOWN
1
-425
710
83
x
83
BYPASS
2
-445
499
83
x
83
NC
3
-445
-34
83
x
170
NC
4
-445
-383
83
x
83
INPUT +
5
-445
-492
83
x
83
INPUT -
6
-352
-710
83
x
83
GND
7
-243
-710
83
x
83
Vo1
8
-91
-710
170
x
83
GND
9
445
-574
83
x
170
VDD
10
445
-2
83
x
170
NC
11
445
387
83
x
83
GND
12
445
633
83
x
170
Vo2
13
-63
710
170
x
83
GND
14
-215
710
83
x
83
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com