Electronic Components Datasheet Search
  English  ▼

X  

LM4861 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4861
Description  1.1W Audio Power Amplifier with Shutdown Mode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4861 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4861 Datasheet HTML 3Page - National Semiconductor (TI) LM4861 Datasheet HTML 4Page - National Semiconductor (TI) LM4861 Datasheet HTML 5Page - National Semiconductor (TI) LM4861 Datasheet HTML 6Page - National Semiconductor (TI) LM4861 Datasheet HTML 7Page - National Semiconductor (TI) LM4861 Datasheet HTML 8Page - National Semiconductor (TI) LM4861 Datasheet HTML 9Page - National Semiconductor (TI) LM4861 Datasheet HTML 10Page - National Semiconductor (TI) LM4861 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Performance Characteristics (Continued)
Supply Current vs
Supply Voltage
Power Derating Curve
01198612
01198613
Power Supply
Rejection Ratio
Open Loop
Frequency Response
01198620
01198619
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com