Electronic Components Datasheet Search
  English  ▼

X  

LM4873 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4873
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4873 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4873 Datasheet HTML 1Page - National Semiconductor (TI) LM4873 Datasheet HTML 2Page - National Semiconductor (TI) LM4873 Datasheet HTML 3Page - National Semiconductor (TI) LM4873 Datasheet HTML 4Page - National Semiconductor (TI) LM4873 Datasheet HTML 5Page - National Semiconductor (TI) LM4873 Datasheet HTML 6Page - National Semiconductor (TI) LM4873 Datasheet HTML 7Page - National Semiconductor (TI) LM4873 Datasheet HTML 8Page - National Semiconductor (TI) LM4873 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM4873
Dual 2.1W Audio Amplifier Plus Stereo Headphone
Function
General Description
The LM4873 is a dual bridge-connected audio power ampli-
fier which, when connected to a 5V supply, will deliver 2.1W
toa4
Ω load (Note 1) or 2.4W to a 3Ω load (Note 2) with less
than 1.0% THD+N. In addition, the headphone input pin
allows the amplifiers to operate in single-ended mode when
driving stereo headphones. A MUX control pin allows selec-
tion between the two stereo sets of amplifier inputs. The
MUX control can also be used to select two different
closed-loop responses.
Boomer audio power amplifiers were designed specifically to
provide high quality output power from a surface mount
package while requiring few external components. To sim-
plify audio system design, the LM4873 combines dual bridge
speaker amplifiers and stereo headphone amplifiers on one
chip.
The LM4873 features an externally controlled, low-power
consumption shutdown mode, a stereo headphone amplifier
mode, and thermal shutdown protection. It also utilizes cir-
cuitry to reduce “clicks and pops” during device turn-on.
Note 1:
An LM4873MTE-1, LM4873MTE, or LM4873LQ that has been
properly mounted to a circuit board will deliver 2.1W into 4
Ω. The other
package options for the LM4873 will deliver 1.1W into 8
Ω. See the Applica-
tion
Information
sections
for
further
information
concerning
the
LM4873MTE-1, LM4873MTE, and the LM4873LQ.
Note 2: An LM4873MTE-1, LM4873MTE, or LM4873LQ that has been prop-
erly mounted to a circuit board and forced-air cooled will deliver 2.4W into 3
Ω.
Key Specifications
j PO at 1% THD+N
LM4873LQ, 3
Ω,4Ω loads
2.4W(typ), 2.1W(typ)
LM4873MTE-1, 3
Ω,4Ω loads 2.4W(typ), 2.1W(typ)
LM4873IBL, 8
Ω load
1.1W(typ)
LM4873MTE, 4
Ω
1.9W(typ)
LM4873, 8
Ω
1.1W(typ)
j Single-ended mode THD+N
at 75mW into 32
Ω
0.5%(max)
j Shutdown current
0.7µA(typ)
j Supply voltage range
2V to 5.5V
Features
n
Input mux control and two separate inputs per channel
n
Stereo headphone amplifier mode
n
“Click and pop” suppression circuitry
n
Thermal shutdown protection circuitry
n
PCB area-saving micro SMD and thin micro SMD
packages
n
TSSOP and exposed-DAP TSSOP and LLP packages
Applications
n
Multimedia monitors
n
Portable and desktop computers
n
Portable audio systems
Connection Diagrams
10099330
Top View
Order Number LM4873MTE-1
See NS Package Number MXA28A for Exposed-DAP
TSSOP
10099302
Top View
Order Number LM4873MT, LM4873MTE
See NS Package Number MTC20 for TSSOP
See NS Package Number MXA20A for Exposed-DAP
TSSOP
Boomer® is a registered trademark of National Semiconductor Corporation.
October 2002
© 2002 National Semiconductor Corporation
DS100993
www.national.com


Similar Part No. - LM4873

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4873MT NSC-LM4873MT Datasheet
532Kb / 19P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4873MTE NSC-LM4873MTE Datasheet
532Kb / 19P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4873MTE-1 NSC-LM4873MTE-1 Datasheet
532Kb / 19P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results

Similar Description - LM4873

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4888 NSC-LM4888 Datasheet
1Mb / 22P
Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
LM4888 NSC-LM4888_06 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com