Electronic Components Datasheet Search
  English  ▼

X  

C4D02120A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # C4D02120A
Description  SiC Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

C4D02120A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  C4D02120A Datasheet HTML 1Page - Inchange Semiconductor Company Limited C4D02120A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISCD7065
eq C4D02120A
SiC Schottky Diode
www.iscsemi.com
1
FEATURES
· 1200V Schottky Rectifier
· High-Frequency Operation
· Temperature Independent Switching
APPLICATIONS
· Free Wheeling Diodes
· AC/DC Converters
· Switch Mode Power Supplies (SMPS)
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitisve Peak Reverse Voltage
1200
V
IF
Continuous Forward Current
Tc= 25°C
10
A
Tc= 135°C
5
Tc= 165°C
2
IF max
Non-Repetitive Peak Forward Current
Tc= 25°C, tp= 10us, Pulse
200
A
Tc= 110°C, tp= 10us, Pulse
160
IFSM
Non-Repetitive Forward Surge
Current
Tc= 25°C, tp= 10ms, Half Sine Pulse
19
A
Tc= 110°C, tp= 10ms, Half Sine Pulse
16.5
Ptot
Power Dissipation
Tc= 25°C
60
W
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~135
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
TYP
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.5
℃
/W


Similar Part No. - C4D02120A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4D02120A CREE-C4D02120A Datasheet
550Kb / 5P
Silicon Carbide Schottky Diode
logo
WOLFSPEED, INC.
C4D02120A WOLFSPEED-C4D02120A Datasheet
1Mb / 9P
4th Generation 1200 V, 2 A Silicon Carbide Schottky Diode
Rev. 6, March 2023
logo
Cree, Inc
C4D02120A CREE-C4D02120A_14 Datasheet
732Kb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - C4D02120A

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com