Electronic Components Datasheet Search
  English  ▼

X  

2242 Datasheet(PDF) 2 Page - Swissbit AG

Part # 2242
Description  Industrial M.2 SATA SSD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWISSBIT [Swissbit AG]
Direct Link  https://www.swissbit.com/en/
Logo SWISSBIT - Swissbit AG

2242 Datasheet(HTML) 2 Page - Swissbit AG

  2242 Datasheet HTML 1Page - Swissbit AG 2242 Datasheet HTML 2Page - Swissbit AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Fact Sheet
X-78m2 2242 Series
Swissbit AG
Revision: 1.00
Industriestrasse 4
TLP: Swissbit public
Template: Doc-4991
CH-9552 Bronschhofen
File: X-78m2_2242_fact_sheet_Rev100
Switzerland
www.swissbit.com/contact
Page 2 of 2
Product Summary
Capacities: 40 GBytes, 80 GBytes, 160 GBytes, 320 GBytes
Form Factor: PCI ExpressTM M.2 (2242) (42 mm x 22 mm x 3.58 mm)
Compliance: SATA Gen3 - 6 Gbit/s (Gen2 - 3 Gbit/s and Gen1 - 1.5 Gbit/s backward compatible)
Command Sets: Supports ATA/ATAPI-8 and ACS-2
Performance:
o
Read Performance: Sequential Read up to 560 MBytes/s, Random Read 4K up to 72,900 IOPS
o
Write Performance: Sequential Write up to 485 MBytes/s, Random Write 4K up to 85,900 IOPS
Operating Temperature Range1:
o
Commercial: 0 °C to 70 °C
o
Industrial: -40 °C to 85 °C
Storage Temperature Range: -40 °C to 85 °C
Operating Voltage: 3.3 V ± 5%
Power (Max): Read (Active): 2.0 W; Write (Active): 2.3 W; Idle: 380 mW; Partial: 115 mW
Data Retention: Seq / Client WL: 10 Years at Start, 1 Year at EOL; Enterprise WL: 10 Years at Start, 1 Year
at 75% of TBW limit, 3 months at EOL
Endurance in TeraBytes Written (TBW) @ Max Capacity2: Sequential WL ≥ 28,060; Client WL ≥ 21,200;
Enterprise WL ≥ 5,515
Shock/Vibration: 1,500
g / 50 g
LDPC ECC with up to 165 bit correction per 1 KByte page
NAND Flash Technology: Triple-Level Cell (TLC) 3D NAND Flash in pSLC Mode
Mean Time Between Failure: > 2,000,000 hours
Data Reliability: < 1 non-recoverable error per 1016 bits read
Product Features
Dynamic and Static Wear Leveling
Active and Passive Data Care Management
Lifetime Enhancements
o
Dynamic Bad Block Remapping
o
Write Amplification Reduction
On-Board Power Fail Protection
TRIM and NCQ Support
ATA Security Feature Set Support
In-Field Firmware Update
Enterprise-Grade Self-Monitoring, Analysis, and Reporting Technology (S.M.A.R.T.)
30 µinch Gold-Plated Connector (IPC-6012B Class 2 Compliant)
End-to-End (E2E) Data Protection
AES256 Encryption (on request)
TCG OPAL 2.0 Compliant (on request)
Swissbit Life Time Monitoring (SBLTM) Tool and SDK for SBLTM (on request)
Why Swissbit?
Swissbit is focused on the design, development, manufacture, and support of leading edge memory and
storage solutions for the worldwide OEM/ODM marketplace. As a global supplier, Swissbit recognizes and
addresses the higher level of application requirements of today’s industrial, Netcom, and automotive
customers by providing best-in-class products and services, with uncompromised attention to driving overall
value and quality.
1 Adequate airflow is required to ensure the temperature, as reported in the S.M.A.R.T. data, does not exceed 110°C (industrial
temperature drive) and 95°C (commercial temperature drive) respectively.
2 According to JEDEC (JESD47I), the time to write the full TBW is a minimum of 18 months. Higher average daily data volume reduces the
specified TBW. The values listed are estimates and are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com