Electronic Components Datasheet Search
  English  ▼

X  

MBRF1045 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MBRF1045
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MBRF1045 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MBRF1045 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MBRF1045 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12
PIN
0.405(10.27)
0.383(9.72)
0.191(4.85)
0.171(4.35)
0.060(1.52)
0.037(0.94)
0.027(0.69)
0.105(2.67)
0.095(2.41)
0.205(5.20)
0.195(4.95)
PIN1
PIN2
0.014(0.36)
0.022(0.55)
0.110(2.80)
0.100(2.54)
0.330(8.38)
0.350(8.89)
0.122(3.08)
0.131(3.39)
0.140(3.56)
0.130(3.30)
0.110(2.80)
0.100(2.54)
0.172(4.36)
0.188(4.77)
DIA
Dimensions in inches and(millimeters)
DIA
www.galaxycn.com
BL
Document Number 0267031
BLGALAXYELECTRICAL
1.
FEATURES
MECHANICAL DATA
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unless otherwise specified.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard total device
m rectified current @T
C = 133°C
IF(AV)
A
Peak forw ard surge current 8.3ms single half
b sine-w ave superimposed on rated load
IFSM
A
Maximum forw ard
(I
F=10A ,TC=25
)
voltage
(I
F=10A ,TC=125
)
(Note 1)
(I
F=20A ,TC=25
)
(I
F=20A ,TC=125
)
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=125
Maximum thermal resistance (Note2)
R θJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Thermal resistance from junction to case.
GALAXY ELECTRICAL
m A
30
35
40
45
50
60
90
100
1
0
150
21
25
28
32
35
42
63
70
30
35
40
45
50
60
90
100
VOLTAGE RANGE: 30 - 100 V
CURRENT: 10 A
Metal silicon junction, m ajority carrier conduction.
Case:JEDEC ITO-220AC,m olded plastic body
SCHOTTKY BARRIER RECTIFIER
High current capacity, low forward voltage drop.
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
-
55 ---- + 175
-
55 ---- + 150
Term inals:Leads, solderable per MIL-STD-750,
1 1
Method 2026
IR
VF
0.1
4.0
ITO-220AC
MBRF1030---MBRF10100
MBRF MBRF MBRF MBRF MBRF MBRF MBRF MBRF
1
030 1035
1040
1045 1050
1060
1090 10100
Guard ring for over voltage protection.
High surge capacity.
For use in low voltage, high frequency inverters, free
111wheeling, and polarity protection applications.
Polarity: As m arked
Weight: 0.064 ounces,1.81 gram
15
6.0
V
0.57
0.84
0.72
0.80
0.80
0.70
0.65
-
0.95
0.95
0.85
0.75
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
inch(mm)
3)
3.TC=100


Similar Part No. - MBRF1045

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF1045 MOTOROLA-MBRF1045 Datasheet
102Kb / 6P
SWITCHMODE??Schottky Power Rectifirers
logo
General Semiconductor
MBRF1045 GE-MBRF1045 Datasheet
105Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
MBRF1045 GOOD-ARK-MBRF1045 Datasheet
255Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1045 TSC-MBRF1045 Datasheet
83Kb / 2P
Isolation 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1045 TSC-MBRF1045 Datasheet
140Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com