Electronic Components Datasheet Search
  English  ▼

X  

SSM2135S Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2135S
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135S Datasheet(HTML) 1 Page - Analog Devices

  SSM2135S Datasheet HTML 1Page - Analog Devices SSM2135S Datasheet HTML 2Page - Analog Devices SSM2135S Datasheet HTML 3Page - Analog Devices SSM2135S Datasheet HTML 4Page - Analog Devices SSM2135S Datasheet HTML 5Page - Analog Devices SSM2135S Datasheet HTML 6Page - Analog Devices SSM2135S Datasheet HTML 7Page - Analog Devices SSM2135S Datasheet HTML 8Page - Analog Devices SSM2135S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
SSM2135*
Dual Single-Supply
Audio Operational Amplifier
FEATURES
Excellent Sonic Characteristics
High Output Drive Capability
5.2 nV/
÷Hz Equivalent Input Noise @ 1 kHz
0.001% THD+N (VO = 2.5 V p-p @ 1 kHz)
3.5 MHz Gain Bandwidth
Unity-Gain Stable
Low Cost
APPLICATIONS
Multimedia Audio Systems
Microphone Preamplifier
Headphone Driver
Differential Line Receiver
Balanced Line Driver
Audio ADC Input Buffer
Audio DAC l-V Converter and Filter
Pseudo-Ground Generator
PIN CONNECTIONS
8-Lead Narrow-Body SOIC
(S Suffix)
OUT A
–IN A
+IN A
V+
OUT B
–IN B
+IN B
V–/GND
SSM-2135
GENERAL DESCRIPTION
The SSM2135 Dual Audio Operational Amplifier permits excel-
lent performance in portable or low power audio systems, with
an operating supply range of +4 V to +36 V or
±2 V to ±18 V.
The unity gain stable device has very low voltage noise of
4.7 nV/
÷Hz, and total harmonic distortion plus noise below 0.01%
over normal signal levels and loads. Such characteristics are
enhanced by wide output swing and load drive capability. A unique
output stage* permits output swing approaching the rail under
moderate load conditions. Under severe loading, the SSM2135
still maintains a wide output swing with ultralow distortion.
Particularly well suited for computer audio systems and portable
digital audio units, the SSM2135 can perform preamplification,
headphone and speaker driving, and balanced line driving and
receiving. Additionally, the device is ideal for input signal condi-
tioning in single-supply, sigma-delta, analog-to-digital converter
subsystems such as the AD1878/AD1879.
The SSM2135 is available in an 8-lead plastic SOIC package
and is guaranteed for operation over the extended industrial
temperature range of –40
∞C to +85∞C.
FUNCTIONAL BLOCK DIAGRAM
+IN
9V
–IN
9V
V+
V–/GND
OUT
*Protected by U.S. Patent No. 5,146,181.


Similar Part No. - SSM2135S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2135S AD-SSM2135S Datasheet
299Kb / 12P
Dual Single-Supply Audio Operational Amplifier
REV.D
SSM2135S AD-SSM2135S Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
SSM2135S-REEL AD-SSM2135S-REEL Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
SSM2135S-REEL7 AD-SSM2135S-REEL7 Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
SSM2135SZ AD-SSM2135SZ Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
More results

Similar Description - SSM2135S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM3404A NJRC-NJM3404A Datasheet
228Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER?
logo
Analog Devices
SSM2135 AD-SSM2135 Datasheet
299Kb / 12P
Dual Single-Supply Audio Operational Amplifier
REV.D
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
SSM2135SZ AD-SSM2135SZ Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
logo
New Japan Radio
NJM2904M-TE1 NJRC-NJM2904M-TE1 Datasheet
207Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
SSM2135 AD-SSM2135_15 Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
logo
Bookly Micro electronic
BM3414 BOOKLY-BM3414 Datasheet
229Kb / 5P
Single-Supply Dual High Current Operational/Audio Amplifier
logo
New Japan Radio
NJM2904C NJRC-NJM2904C Datasheet
781Kb / 10P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com