Electronic Components Datasheet Search
  English  ▼

X  

OP467 Datasheet(PDF) 12 Page - Analog Devices

Part # OP467
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP467 Datasheet HTML 8Page - Analog Devices OP467 Datasheet HTML 9Page - Analog Devices OP467 Datasheet HTML 10Page - Analog Devices OP467 Datasheet HTML 11Page - Analog Devices OP467 Datasheet HTML 12Page - Analog Devices OP467 Datasheet HTML 13Page - Analog Devices OP467 Datasheet HTML 14Page - Analog Devices OP467 Datasheet HTML 15Page - Analog Devices OP467 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
OP467
Rev. F | Page 12 of 20
SETTLING TIME (ns)
10
–10
–8
–6
–4
–2
0
2
4
6
8
0
100
200
300
400
0.1%
0.1%
0.1%
0.1%
–1
–2
–3
–4
–5
0
1
2
3
4
5
RF = 5kΩ
TA =25°C
Figure 36. Output Step vs. Settling Time
SUPPLY VOLTAGE (V)
10
0
2
4
6
8
0
±5
±10
±15
±20
TA = +125°C
TA = +25°C
TA = –55°C
Figure 37. Supply Current vs. Supply Voltage
TEMPERATURE (°C)
200
0
40
90
120
160
–75
–50
–25
0
25
50
75
100
125
VS =±15V
Figure 38. Input Bias Current vs. Temperature
TEMPERATURE (°C)
25
0
5
10
15
20
–75
–50
–25
0
25
50
75
100
125
VS =±15V
Figure 39. Input Offset Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com