Electronic Components Datasheet Search
  English  ▼

X  

MBRB835 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MBRB835
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MBRB835 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MBRB835 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MBRB835 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
30
1
100
150
60
90
120
10
8.3ms Single Half Sine Wave
TJ=125
P uls e w idt h = 3 00
s
1 % D u ty C y c le
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
1.2
1.3
0.1
1
10
20
MBRB830-MBRB845
MBRB850-MBRB860
MBRB880-MBRB8100
10
040
6
0
20
100
120
140
80
MBRB880-MBRB8100
.
1
1
.01
25
50
75
100
125
150
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
RATINGSANDCHARACTERISTIC CURVES
MBRB830---MBRB8100
NUMBER OF CYCLES AT 60HZ
CASE
TEMPERATURE,
FIG.2 -- FORWARD DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.1 -- PEAK FORWARD SURGE CURRENT
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0267059
2.
0
2
4
6
8
10
TC=125
℃
TC=25
℃
MBRB830-MBRB860
MBRB880-MBRB8100
MBRB830-MBRB860



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com