Electronic Components Datasheet Search
  English  ▼

X  

OP292 Datasheet(PDF) 11 Page - Analog Devices

Part # OP292
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP292 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP292 Datasheet HTML 7Page - Analog Devices OP292 Datasheet HTML 8Page - Analog Devices OP292 Datasheet HTML 9Page - Analog Devices OP292 Datasheet HTML 10Page - Analog Devices OP292 Datasheet HTML 11Page - Analog Devices OP292 Datasheet HTML 12Page - Analog Devices OP292 Datasheet HTML 13Page - Analog Devices OP292 Datasheet HTML 14Page - Analog Devices OP292 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. B
OP292/OP492
–11–
voltage. However, the output can be offset by setting VREFERENCE
from 0 V to 4 V, as long as the input common-mode voltage of
the amplifier is not exceeded.
VIN
VREF
8
VOUT
5V
7
4
1
5
VOUT = 5 40k
RG
+ VREF
20k
5k
20k
5k
RG
1/2
OP292
1/2
OP292
Figure 4. A Single-Supply Instrumentation Amplifier
In this configuration, while the output can swing to near zero
volts, one needs to be careful because the input’s common-mode
voltage range cannot operate to zero volts. This is because of the
limitation of the circuit configuration where the first amplifier
must be able to swing below ground in order to attain a 0 V
common-mode voltage, which it cannot do. Depending on the
gain of the instrumentation amplifier, the input common-mode
extends to within about 0.3 V of zero. One can easily calculate
the worst-case common-mode limit for a given gain.
DAC Output Amplifier
The OP292/OP492 are ideal for buffering the output of single-
supply D/A converters. Figure 5 shows a typical amplifier used to
buffer the output of a CMOS DAC that is connected for single-
supply operation. To do that, the normally current output 12-bit
CMOS DAC (R-2R ladder type) is connected backward to pro-
duce a voltage output. This operating configuration necessitates
a low voltage reference. In this case, a 1.235 V low-power reference
is used. The relatively high output impedance (10 k ) is buffered by
the OP292 and at the same time gained up to a much more usable
level. The potentiometer provides an accurate gain trim for a
4.095 V full-scale, allowing 1mV increment per LSB of control
resolution.
The DAC8043 device comes in an 8-pin DIP package providing
a cost-effective, compact solution to a 12-bit analog channel.
VDD
Clk
Sri
1
2
3
4
8
7
6
5
DAC8043
5V
5V
5V
7.5k
1.235V
Ad589
NC
DIGITAL
CONTROL
LD SRI CLK
500k
8.45k
VOUT
20k
1/2
OP292
1mV/LSB
0V 4.095V
FS
VREF
VFB
t0
VND
LD
SRI
CLK
VDD
Figure 5. A 12-Bit Single-Supply DAC with Serial Bus Control
A 50 Hz/60 Hz Single-Supply Notch Filter
Figure 6 shows a notch filter that achieves nearly 30 dB of 60 Hz
rejection while powered by only a single 12 V supply. The circuit
also works well on 5 V systems. The filter utilizes a twin-T configu-
ration whose frequency selectivity depends heavily on the relative
matching of the capacitors and resistors in the twin-T section.
Mylar is a good choice for the twin-T’s capacitors, and the relative
matching of the capacitors and resistors determines the filter’s
passband symmetry. Using 1% resistors and 5% capacitors
produces satisfactory results.
The amount of rejection and the Q of the filter is solely determined
by one resistor, and is shown in the table. The bottom amplifier
is used to split the supply to bias the amplifier to midlevel. The
circuit can be modified to reject 50 Hz by simply changing the
resistors in the twin-T section (Rl through R4) from 2.67 k
to
3.16 k , and changing R5 to 1⁄2 of 3.16 k . For best results,
the common value resistors can be from a resistor array for opti-
mum matching characteristics.
1/4
OP492
C1
1 F
C3
2 F
(1 F 2)
R5
1.335k
(2.67k 2)
R4
2.67k
C2
1 F
R6
100k
RQ
8k
12V
12V
R8
100k
R9
100k
C4
1 F
6V
R7
1k
R2
2.67k
VOUT
VIN
NOTE
FOR 50Hz APPLICATION
CHANGE R12 R4 TO 3.16k
AND R5 TO 1.58k (3.16k
2)
FILTER Q
0.75
1.00
1.25
2.50
5.00
10.00
RQ (k )
1.0
2.0
3.0
8.0
18
38
REJECTION (dB)
40
35
30
25
20
15
VOLTAGE GAIN
1.33
1.50
1.60
1.80
1.90
1.95
1/4
OP492
1/4
OP492
R3
2.67k
R1
2.67k
Figure 6. A Single-Supply 50 Hz/60 Hz Notch Filter
VOUT
5V
5k
5k
1.78k
16.2k
100 F
2
3
1
8
4
6
5
7
5V
VIN
1.1k
14.3k
0.01 F
0.022 F
3300pF
2200pF
1/2
OP292
1/2
OP292
Figure 7. A 4-Pole Bessel Low-Pass Filter Using Sallen-Key
Topology
A 4-Pole Bessel Low-Pass Filter
The linear phase filter in Figure 7 is designed to roll off at a
voiceband cutoff frequency of 3.6 kHz. The 4 poles are formed
by two cascading stages of two-pole Sallen-Key filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com