Electronic Components Datasheet Search
  English  ▼

X  

OP292GP Datasheet(PDF) 17 Page - Analog Devices

Part # OP292GP
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP292GP Datasheet(HTML) 17 Page - Analog Devices

Back Button OP292GP Datasheet HTML 12Page - Analog Devices OP292GP Datasheet HTML 13Page - Analog Devices OP292GP Datasheet HTML 14Page - Analog Devices OP292GP Datasheet HTML 15Page - Analog Devices OP292GP Datasheet HTML 16Page - Analog Devices OP292GP Datasheet HTML 17Page - Analog Devices OP292GP Datasheet HTML 18Page - Analog Devices OP292GP Datasheet HTML 19Page - Analog Devices OP292GP Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. B
OP292/OP492
–17–
* POLE AT 100 MHz
*
G2
98
16
(15,30)
1
R12
16
98
1
C6
16
98
1.592E-9
*
* OUTPUT STAGE
*
RS1
99
30
1 E6
RS2
30
50
1E6
ISY
99
50
.44E-3
G3
31
50
POLY(1)
(16,30)
–1.635E-6
4E-6
R16
31
50
1E6
DCL
50
31
DZ
I2
99
32
250E-6
RCL
33
50
56
M1
32
31
50
50
MN L=9E-6
W=1OOOE-6 AD=15E-9 AS=15E-9
M2
34
31
50
50
MN L=9E-6
W=1OOOE-6 AD=15E-9 AS=15E-9
CC
31
32
14E-12
Q3
99
32
34 QNA
Q4
33
32
34 QPA
Q5
31
33
50 QNA
.MODEL QNA NPN(IS=1.19E-16 BF=253 NF=0.99 VAF=193 IKF=2.76E-3
+ ISE=2.57E-13 NE=5 BR=0.4 NR=0.988 VAR=15 IKR=1.465E-4
+ ISC=6.9E-16 NC=0.99 RB=2.0E3 IRB=7.73E-6 RBM=132.8 RE=4 RC=209
+ CJE=2.1E-13 VJE=0.573 MJE=0.364 FC=0.5 CJC=1.64E-13 VJC=0.534 MJC=0.5
+ CJS=1.37E-12 VJS=0.59 MJS=0.5 TF=0.43E-9 PTF=30)
.MODEL QPA PNP(IS=5.21E-17 BF=131 NF=0.99 VAF=62 IKF=8.35E-4
+ ISE=1.09E-14 NE=2.61 BR=0.5 NR=0.984 VAR=15 IKR=3.96E-5
+ ISC=7.58E-16 NC=0.985 RB=1.52E3 IRB=1.67E-5 RBM=368.5 RE=6.31 RC=354.4
+ CJE=l.lE-13 VJE=0.745 MJE=0.33 FC=0.5 CJC=2.37E-13 VJC=0.762 MJC=0.4
+ CJS=7.11E-13 VJS=0.45 MJS=0.412 TF=1.OE-9 PTF=30)
.MODEL MN NMOS(LEVEL=3 VTO=1.3 RS=0.3 RD=0.3
+ TOX=8.5E-8 LD=1.48E-6 WD=1E-6 NSUB=1.53E16 UO=650 DELTA=10 VMAX=2E5
+ XJ=1.75E-6 KAPPA=0.8 ETA=0.066 THETA=0.01 TPG=1 CJ=2.9E-4 PB=0.837
+ MJ=0.407 CJSW=0.5E-9 MJSW=0.33)
.MODEL QP PNP(BF=61.5)
.MODEL DX D
.MODEL DZ D(BV=3.6)
.ENDS OP492



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com