Electronic Components Datasheet Search
  English  ▼

X  

208 Datasheet(PDF) 2 Page - Walther-Werke

Part # 208
Description  Channel installation sockets IP 44
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALTHER [Walther-Werke]
Direct Link  http://www.walther-werke.de/
Logo WALTHER - Walther-Werke

208 Datasheet(HTML) 2 Page - Walther-Werke

  208 Datasheet HTML 1Page - Walther-Werke 208 Datasheet HTML 2Page - Walther-Werke 208 Datasheet HTML 3Page - Walther-Werke 208 Datasheet HTML 4Page - Walther-Werke  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part numbers
>
50 - 500 V
over 300 -
500 Hz
3pole 4pole 5pole
2h
2h
2h
>
50 - 500 V
100 -
300 Hz
3pole 4pole 5pole
10h
10h
10h
500 V
50 a. 60 Hz
3pole 4pole 5pole
7h
7h
7h
400 V
50 a. 60 Hz
3pole 4pole 5pole
9h
6h
6h
g
3
2 P + E
4
3 P + E
3 P + N + E
5
230 V
50 a. 60 Hz
3pole 4pole 5pole
6h
9h
9h
110 V
50 a. 60 Hz
3pole 4pole 5pole
4h
4h
4h
20
Availability of blue printed (or not listed)
frequencies and voltages up to 690 V on request!
Other voltages and frequencies on request.
Part numbers in bold letters are standard versions.
Panel sockets IP 44
straight (also for installation channel)
IEC/EN 60 309
16
3
411 304
411 306
411 309
10
128
16
4
410 404
410 409
410 406
410 407
410 410
410 402
10
160
16
5
410 504
410 509
410
10
165
16
5
410 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
10
165
32
3
430 304
430 306
430 309
10
208
32
4
430 404
430 409
430 406
430 407
430 410
430 402
10
215
32
5
430 504
430 509
430
10
226
32
5
430 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
10
226
Panel sockets straight
IP 44, fingerproof acc. to BGV A3
63
3
460 304
460 306
460 309
5
586
63
4
460 404
460 409
460 406
460 407
460 410
460 402
5
645
63
5
460 504
460 509
460
5
776
63
5
460 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
5
776
Panel sockets straight
IP 44, fingerproof acc. to BGV A3
Panel sockets straight
IP 44, fingerproof acc. to BGV A3, flange screwed on
16
4
411 404
411 409
411 406
411 407
411 410
411 402
10
200
16
5
411 504
411 509
411
10
218
32
3
431 304
431 306
431 309
10
223
32
4
431 404
431 409
431 406
431 407
431 410
431 402
10
230
32
5
431 504
431 509
431
10
283
16
3
410 304
410 306
410 309
10/60
117
16
3
412 304
412 306
412 309 (flange screwed on)
10
129
Panel sockets straight IP 44
, fingerproof acc. to BGV A3
16
3
415 304
415 306
415 309
10
200
16
4
415 404
415 409
415 406
415 407
415 410
415 402
10
214
16
5
415 504
415 509
415
10
263
32
3
435 304
435 306
435 309
10
265
32
4
435 404
435 409
435 406
435 407
435 410
435 402
10
271
32
5
435 504
435 509
435
10
276
panel sockets straight IP 44
, RAL 7035 light grey
16
3
417 304
417 306
417 309
10
153
16
2
10 003
blue
10
46
16
2
10 001
grey
10
46
10 014
protection against accidental contact for Schuko sockets
1
3
16
2
10 005
blue, with extra flange
10
70
16
2
10 006
grey, with extra flange
10
70
Earthing contact socket IP 44
,
panel sockets straight, RAL 7035 light grey
16
2
10 004
10
94
430
460
431
435
417306
10003
10004
410 306
4
panel sockets IP 44
, also for installation channel, RAL 7035 light grey
Earthing contact sockets IP 44
, panel socket straight
fixing dimensions = 60 x 60 mm,
flange dimensions = 75 x 75 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com