Electronic Components Datasheet Search
  English  ▼

X  

265 Datasheet(PDF) 4 Page - Walther-Werke

Part # 265
Description  Channel installation sockets IP 44
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALTHER [Walther-Werke]
Direct Link  http://www.walther-werke.de/
Logo WALTHER - Walther-Werke

265 Datasheet(HTML) 4 Page - Walther-Werke

  265 Datasheet HTML 1Page - Walther-Werke 265 Datasheet HTML 2Page - Walther-Werke 265 Datasheet HTML 3Page - Walther-Werke 265 Datasheet HTML 4Page - Walther-Werke  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part numbers
>
50 - 500 V
over 300 -
500 Hz
3pole 4pole 5pole
2h
2h
2h
>
50 - 500 V
100 -
300 Hz
3pole 4pole 5pole
10h
10h
10h
500 V
50 a. 60 Hz
3pole 4pole 5pole
7h
7h
7h
400 V
50 a. 60 Hz
3pole 4pole 5pole
9h
6h
6h
g
3
2 P + E
4
3 P + E
3 P + N + E
5
230 V
50 a. 60 Hz
3pole 4pole 5pole
6h
9h
9h
110 V
50 a. 60 Hz
3pole 4pole 5pole
4h
4h
4h
22
Availability of blue printed (or not listed)
frequencies and voltages up to 690 V on request!
Other voltages and frequencies on request.
Part numbers in bold letters are standard versions.
16 A 3-pole and
63 A devices still
have the old
bayonet ring
16
3
519 304
519 306
519 309
10
142
16
4
519 404
519 409
519 406
519 407
519 410
519 402
10
257
16
5
519 504
519 509
519
10
223
16
5
519 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
10
223
32
3
539 304
539 306
539 309
10
263
32
4
539 404
539 409
539 406
539 407
539 410
539 402
10
287
32
5
539 504
539 509
539
10
303
32
5
539 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
10
303
63
3
569 304
569 306
569 309
5
638
63
4
569 404
569 409
569 406
569 407
569 410
569 402
5
725
63
5
569 504
569 509
569
5
832
63
5
569 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
5
832
125
3
579 304
579 306
579 309
2
988
125
4
579 404
579 409
579 406
579 407
579 410
579 402
2
1152
125
5
579 504
579 509
579
2
1316
125
5
579 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
2
1316
16
4
517 404
517 409
517 406
517 407
517 410
517 402
10
194
16
5
517 504
517 509
517
10
212
32
3
537 304
537 306
537 309
10
255
32
4
537 404
537 409
537 406
537 407
537 410
537 402
10
273
32
5
537 504
537 509
537
10
293
63
5
567 504
567 509
567
5
843
16
3
518 304
518 306
518 309
10
238
16
4
518 404
518 409
518 406
518 407
518 410
518 402
10
256
16
5
518 504
518 509
518
10
274
32
3
538 304
538 306
538 309
10
339
32
4
538 404
538 409
538 406
538 407
538 410
538 402
10
330
32
5
538 504
538 509
538
10
350
63
3
568 304
568 306
568 309
5
661
63
4
568 404
568 409
568 406
568 407
568 410
568 402
5
720
63
5
568 504
568 509
568
5
779
125
3
479 304
479 306
479 309
2
990
125
4
479 404
479 409
479 406
479 407
479 410
479 402
2
1155
125
5
479 504
479 509
479
2
1319
125
5
479 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
2
1319
Panel sockets angled IP 67
, fingerproof acc. to BGV A3
Panel sockets angled IP 67
, with multi contact, fingerproof acc. to BGV A3
Panel sockets angled IP 67
, fingerproof acc. to BGV A3
Panel sockets angled IP 67
, flange screwed on
Panel sockets straight IP 67
, with multi contact, fingerproof acc. to BGV A3
Panel sockets straight IP 67
, fingerproof acc. to BGV A3
Panel sockets IP 67
(also for installation channel)
IEC/EN 60 309
538
479
439
579
4
Picture similar to
419 306 / 469
Newly
designed
bayonet ring
539
16 A 3-pole and
63 A devices still
have the old
bayonet ring
Picture similar to
519 306 / 569
Newly designed
bayonet ring
16 A 3-pole and
63 A devices
still have the
old bayonet ring
newly designed
bayonet ring
Picture similar to
518 306 / 568
16
3
419 304
419 306
419 309
10
139
16
4
419 404
419 409
419 406
419 407
419 410
419 402
10
186
16
5
419 504
419 509
419
10
202
16
5
419 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
10
202
32
3
439 304
439 306
439 309
10
246
32
4
439 404
439 409
439 406
439 407
439 410
439 402
10
252
32
5
439 504
439 509
439
10
278
32
5
439 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
10
278
63
3
469 304
469 306
469 309
5
599
63
4
469 404
469 409
469 406
469 407
469 410
469 402
5
699
63
5
469 504
469 509
469
5
799
63
5
469 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
5
799
newly designed
bayonet ring
537
567
63 A devices still
have the old
bayonet ring
►
►
►
►



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com