Electronic Components Datasheet Search
  English  ▼

X  

511404 Datasheet(PDF) 3 Page - Walther-Werke

Part # 511404
Description  Channel installation sockets IP 44
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALTHER [Walther-Werke]
Direct Link  http://www.walther-werke.de/
Logo WALTHER - Walther-Werke

511404 Datasheet(HTML) 3 Page - Walther-Werke

  511404 Datasheet HTML 1Page - Walther-Werke 511404 Datasheet HTML 2Page - Walther-Werke 511404 Datasheet HTML 3Page - Walther-Werke 511404 Datasheet HTML 4Page - Walther-Werke  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part numbers
>
50 - 500 V
over 300 -
500 Hz
3pole 4pole 5pole
2h
2h
2h
>
50 - 500 V
100 -
300 Hz
3pole 4pole 5pole
10h
10h
10h
500 V
50 a. 60 Hz
3pole 4pole 5pole
7h
7h
7h
400 V
50 a. 60 Hz
3pole 4pole 5pole
9h
6h
6h
g
3
2 P + E
4
3 P + E
3 P + N + E
5
230 V
50 a. 60 Hz
3pole 4pole 5pole
6h
9h
9h
110 V
50 a. 60 Hz
3pole 4pole 5pole
4h
4h
4h
21
Other voltages and frequencies on request.
Part numbers in bold letters are standard versions.
Availability of blue printed (or not listed)
frequencies and voltages up to 690 V on request!
►
Suitable mounting block for panel sockets with fixing dimensions 90 x 90 mm: part no. 562 500
Panel sockets IP 44
, angled (also for installation channel)
IEC/EN 60 309
16
4
511 404
511 409
511 406
511 407
511 410
511 402
10
181
16
5
511 504
511 509
511
10
201
32
3
531 304
531 306
531 309
10
218
32
4
531 404
531 409
531 406
531 407
531 410
531 402
10
236
32
5
531 504
531 509
531
10
254
63
3
560 304
560 306
560 309
5
593
63
4
560 404
560 409
560 406
560 407
560 410
560 402
5
677
63
5
560 504
560 509
560
5
708
63
5
560 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
5
708
63
3
564 304
564 306
564 309
5
646
63
4
564 404
564 409
564 406
5
695
63
5
564 504
564 509
564
5
744
16
3
514 304
514 306
514 309
10
158
16
4
514 404
514 409
514 406
514 407
514 410
514 402
10
202
16
5
514 504
514 509
514
10
220
32
3
534 304
534 306
534 309
10
300
32
4
534 404
534 409
534 406
534 407
534 410
534 402
10
285
32
5
534 504
534 509
534
10
305
16
3
512 304
512 306
512 309
10
120
16
3
510 304
510 306
510 309
10
120
16
4
510 404
510 409
510 406
510 407
510 410
510 402
10
160
16
5
510 504
510 509
510
10
175
16
5
510 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
10
175
32
3
530 304
530 306
530 309
10
207
32
4
530 404
530 409
530 406
530 407
530 410
530 402
10
216
32
5
530 504
530 509
530
10
240
32
5
530 NI (with nickel plated contacts +glass-fibre reinforced enclosure)
10
240
16
5
512 504
512 509
512
10
198
16
5
512 NI
(with nickel plated contacts +glass-fibre reinforced enclosure)
10
198
32
5
532 504
532 509
532
10
259
32
5
532 NI
(with nickel plated contacts +glass-fibre reinforced enclosure)
10
259
63
5
562 504
562 509
562
5
715
63
5
562 NI
(with nickel plated contacts +glass-fibre reinforced enclosure)
5
715
Panel sockets angled IP 44
, fingerproof acc. to BGV A3
Panel sockets angled IP 44
, flange screwed on
Panel sockets angled IP 44
, flange screwed on
Panel sockets angled IP 44
, with eyehook for padlock
Panel sockets angled IP 44
, fingerproof acc. to BGV A3
Panel sockets angled IP 44
, 16 - 63 A fingerproof acc. to BGV A3
531
534
564
512 306
530
532
4
562 500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com