Electronic Components Datasheet Search
  English  ▼

X  

OP271 Datasheet(PDF) 5 Page - Analog Devices

Part # OP271
Description  High-Speed, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP271 Datasheet(HTML) 5 Page - Analog Devices

  OP271 Datasheet HTML 1Page - Analog Devices OP271 Datasheet HTML 2Page - Analog Devices OP271 Datasheet HTML 3Page - Analog Devices OP271 Datasheet HTML 4Page - Analog Devices OP271 Datasheet HTML 5Page - Analog Devices OP271 Datasheet HTML 6Page - Analog Devices OP271 Datasheet HTML 7Page - Analog Devices OP271 Datasheet HTML 8Page - Analog Devices OP271 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
–5–
OP271
Typical Performance Characteristics–
FREQUENCY – Hz
3
2
1
1
10
1k
100
4
5
10
20
40
100
TA = 25 C
VS = 15V
1/f CORNER = 40Hz
TPC 1. Voltage Noise Density vs.
Frequency
FREQUENCY – Hz
1.0
0.1
10
1k
100
10.0
10k
TA = 25 C
VS = 15V
1/f CORNER = 40Hz
TPC 4. Current Noise Density vs.
Frequency
–75
0
10
8
6
2
4
–2
TEMPERATURE – C
VS = 15V
VCM = 0V
–50 –25
0
25
5075
100 125
TPC 7. Input Bias Current vs.
Temperature
SUPPLY VOLTAGE – Volts
5
0
5
10
TA = 25 C
15
20
25
10
15
20
AT 10Hz
AT 1kHz
TPC 2. Voltage Noise Density vs.
Supply Voltage
TEMPERATURE – C
120
0
VS = 15V
100
80
60
40
20
–20
125
100
75
50
25
0
–25
–50
–75
TPC 5. Input Offset Voltage vs.
Temperature
–75 –50 –25
0
25
50
75
100 125
0
5
3
1
2
4
–5
TEMPERATURE – C
–4
–3
–2
–1
TPC 8. Input Offset Current vs.
Temperature
FREQUENCY – Hz
0.001
10
100
10k
1k
0.01
0.1
TA = 25 C
VS = 15V
VO = 10Vp-p
RL = 2k
AV = 100
AV = 10
AV = 1
TPC 3. Total Harmonic Distortion vs.
Frequency
0
01
5
234
TIME – Minutes
TA = 25 C
VS = 15V
10
9
8
7
6
5
4
3
2
1
TPC 6. Warm-Up Offset Voltage Drift
–12.5
–7.5
0
–2.5
2.5
7.5
7
6
2
4
3
COMMON MODE VOLTAGE – Volts
TA = 25 C
VS = 15V
5
12.5
TPC 9. Input Bias Current vs.
Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com