Electronic Components Datasheet Search
  English  ▼

X  

OP271GP Datasheet(PDF) 8 Page - Analog Devices

Part # OP271GP
Description  High-Speed, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP271GP Datasheet(HTML) 8 Page - Analog Devices

Back Button OP271GP Datasheet HTML 4Page - Analog Devices OP271GP Datasheet HTML 5Page - Analog Devices OP271GP Datasheet HTML 6Page - Analog Devices OP271GP Datasheet HTML 7Page - Analog Devices OP271GP Datasheet HTML 8Page - Analog Devices OP271GP Datasheet HTML 9Page - Analog Devices OP271GP Datasheet HTML 10Page - Analog Devices OP271GP Datasheet HTML 11Page - Analog Devices OP271GP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
OP271
–8–
1/2
OP271E
A2
ASSUME: A1 AND A2 ARE MATCHED.
AO(s) = s
VO = (K1+1) VIN
VIN
V2
R2
R1
VO
1/2
OP271E
A1
R2
K1
R2 = R1
R1
K1
OP271
R1
8.5V/ s
PLACE SUPPLY DECOUPLING
CAPACITORS AT OP271
VOUT
CL
1000pF
VIN
V+
V–
C2
10 F
C3
0.1 F
R2
R3
50
R1
+
+
C1
200pF
C4
10 F
C5
0.1 F
OP271
Figure 2. Driving Large Capacitive Loads
Figure 3. Pulsed Operation
APPLICATION INFORMATION
Capacitive Load Driving and Power Supply Considerations
The OP217 is unity-gain stable and is capable of driving large
capacitive loads without oscillating. Nonetheless, good supply
bypassing is highly recommended. Proper supply bypassing
reduces problems caused by supply line noise and improves
the capacitive load driving capability of the OP271.
In the standard feedback amplifier, the op amp’s output resistance
combines with the load capacitance to form a low-pass filter that
adds phase shift in the feedback network and reduces stability. A
simple circuit to eliminate this effect is shown in Figure 2. The
added components, C1 and R3, decouple the amplifier from the
load capacitance and provide additional stability. The values of
C1 and R3 shown in Figure 8 are for a load capacitance of up to
1000 pF when used with the OP271.
Unity-Gain Buffer Applications
When Rf
100
and the input is driven with a fast, large-signal
pulse (>1 V), the output waveform will look as shown in Figure
3.
During the fast feedthrough-like portion of the output, the input
protection diodes effectively short the output to the input, and a
current, limited only by the output short-circuit protection, will
be drawn by the signal generator. With Rf
500
, the output is
capable of handling the current requirements (IL
20 mA at
10 V); the amplifier will stay in its active mode and a smooth
transition will occur.
When Rf > 3 k , a pole created by Rf and the amplifier’s
input capacitance (3 pF) creates additional phase shift and
reduces phase margin. A small capacitor in parallel with Rf
helps eliminate this problem.
Computer Simulations
Many electronic design and analysis programs include models
for op amps which calculate AC performance from the location
of poles and zeros. As an aid to designers utilizing such a
program, major poles and zeros of the OP271 are listed below.
Their location will vary slightly between production lots.
Typically, they will be within
15% of the frequency listed.
Use of this data will enable the designer to evaluate gross
circuit performance quickly, but should not supplant rigorous
characterization of a breadboard circuit.
POLES
ZEROS
15Hz
2.5 MHz
1.2 MHz
4 X 23 MHz
2 X 32 MHz
-
8 X 40 MHz
-
APPLICATIONS
Low Phase Error Amplifier
The simple amplifier depicted in Figure 4, utilizes a monolithic
dual operational amplifier and a few resistors to substantially
reduce phase error compared to conventional amplifier designs.
At a given gain, the frequency range for a specified phase
accuracy is over a decade greater than for a standard single op
amp amplifier.
The low phase error amplifier performs second-order frequency
compensation through the response of op amp A2 in the
feedback loop of A1. Both op amps must be extremely well
matched in frequency response. At low frequencies, the A1
feedback loop forces V2/(K1 + 1)=VIN. The A2 feedback loop
forces VO/VIN=K1 + 1. The DC gain is determined by the
resistor divider around A2. Note that, like a conventional
single op amp amplifier, the DC gain is set by resistor ratios
only. Minimum gain for the low phase error amplifier is 10.
Figure 4. Low Phase Error Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com