Electronic Components Datasheet Search
  English  ▼

X  

OP291GSZ Datasheet(PDF) 22 Page - Analog Devices

Part # OP291GSZ
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291GSZ Datasheet(HTML) 22 Page - Analog Devices

Back Button OP291GSZ Datasheet HTML 16Page - Analog Devices OP291GSZ Datasheet HTML 17Page - Analog Devices OP291GSZ Datasheet HTML 18Page - Analog Devices OP291GSZ Datasheet HTML 19Page - Analog Devices OP291GSZ Datasheet HTML 20Page - Analog Devices OP291GSZ Datasheet HTML 21Page - Analog Devices OP291GSZ Datasheet HTML 22Page - Analog Devices OP291GSZ Datasheet HTML 23Page - Analog Devices OP291GSZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
OP191/OP291/OP491
Rev. D | Page 22 of 24
3 V, 50 HZ/60 HZ ACTIVE NOTCH FILTER WITH
FALSE GROUND
To process ac signals in a single-supply system, it is often best
to use a false ground biasing scheme. Figure 72 illustrates a
circuit that uses this approach. In this circuit, a false-ground
circuit biases an active notch filter used to reject 50 Hz/60 Hz
power line interference in portable patient monitoring
equipment. Notch filters are quite commonly used to reject
power line frequency interference that often obscures low
frequency physiological signals, such as heart rates, blood
pressure readings, EEGs, and EKGs. This notch filter effectively
squelches 60 Hz pickup at a filter Q of 0.75. Substituting
3.16 kΩ resistors for the 2.67 kΩ resistors in the twin-T section
(R1 through R5) configures the active filter to reject 50 Hz
interference.
R11
100kΩ
VOUT
R1
2.67kΩ
R3
2.67kΩ
A1
1/4
OP491
3V
VIN
R6
100kΩ
0.01μF
C5
A3
R12
499Ω
C6
1.5V
1μF
3V
R9
1MΩ
R10
1MΩ
C4
1μF
C2
R4
2.67kΩ
A2
R5
1.33kΩ
(2.67kΩ ÷ 2)
R7
1kΩ
R8
1kΩ
C1
1μF1μF
R2
2.67kΩ
1
2
4
3
11
1/4
OP491
7
6
5
9
1/4
OP491
10
8
C3
2μF
(1μF × 2)
Figure 72. A 3 V Single-Supply, 50 Hz/60 Hz Active Notch Filter
with False Ground
Amplifier A3 is the heart of the false ground bias circuit.
It buffers the voltage developed by R9 and R10 and is the
reference for the active notch filter. Because the OP491
exhibits a rail-to-rail input common-mode range, R9 and R10
are chosen to split the 3 V supply symmetrically. An in-the-loop
compensation scheme used around the OP491 allows the op
amp to drive C6, a 1 μF capacitor, without oscillation. C6
maintains a low impedance ac ground over the operating
frequency range of the filter.
The filter section uses a pair of OP491s in a twin-T
configuration whose frequency selectivity is very sensitive
to the relative matching of the capacitors and resistors in
the twin-T section. Mylar is the material of choice for the
capacitors, and the relative matching of the capacitors and
resistors determines the pass band symmetry of the filter. Using
1% resistors and 5% capacitors produces satisfactory results.
SINGLE-SUPPLY, HALF-WAVE, AND FULL-WAVE
RECTIFIERS
An OPx91 device configured as a voltage follower operating on
a single supply can be used as a simple half-wave rectifier in low
frequency (<2 kHz) applications. A full-wave rectifier can be
configured with a pair of OP291s, as illustrated in Figure 73.
The circuit works in the following way. When the input signal is
above 0 V, the output of Amplifier A1 follows the input signal.
Because the noninverting input of Amplifier A2 is connected to
the output of A1, op amp loop control forces the inverting input
of the A2 to the same potential. The result is that both terminals
of R1 are equipotential; that is, no current flows. Because there
is no current flow in R1, the same condition exists for R2; thus,
the output of the circuit tracks the input signal. When the input
signal is below 0 V, the output voltage of A1 is forced to 0 V.
This condition now forces A2 to operate as an inverting voltage
follower because the noninverting terminal of A2 is also at 0 V.
The output voltage at VOUTA is then a full-wave rectified version
of the input signal. If needed, a buffered, half-wave rectified
version of the input signal is available at VOUTB.
10
(1V/DIV)
(0.5V/DIV)
(0.5V/DIV)
TIME (200μs/DIV)
R1
100kΩ
A1
5V
VIN
2V p-p
<2kHz
R2
100kΩ
1/2
OP291
A2
VOUTA
VOUTB
FULL-WAVE
RECTIFIED
OUTPUT
HALF-WAVE
RECTIFIED
OUTPUT
6
7
5
1/2
OP291
2
1
3
4
8
1V
500mV
VOUTA
VIN
VOUTB
90
100
0%
500mV
200μs
Figure 73. Single-Supply, Half-Wave, and Full-Wave Rectifiers
Using an OP291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com