Electronic Components Datasheet Search
  English  ▼

X  

OP491GP Datasheet(PDF) 14 Page - Analog Devices

Part # OP491GP
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491GP Datasheet(HTML) 14 Page - Analog Devices

Back Button OP491GP Datasheet HTML 10Page - Analog Devices OP491GP Datasheet HTML 11Page - Analog Devices OP491GP Datasheet HTML 12Page - Analog Devices OP491GP Datasheet HTML 13Page - Analog Devices OP491GP Datasheet HTML 14Page - Analog Devices OP491GP Datasheet HTML 15Page - Analog Devices OP491GP Datasheet HTML 16Page - Analog Devices OP491GP Datasheet HTML 17Page - Analog Devices OP491GP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
OP191/OP291/OP491
Rev. D | Page 14 of 24
FREQUENCY (Hz)
10
0
2
6
4
8
0
1M
100
1k
10k
100k
VIN = 9.8V p-p
VS = ±5V
AV = +1
RL = 100kΩ
Figure 43. Maximum Output Swing vs. Frequency, VS = ±5 V
TEMPERATURE (°C)
0.15
–0.10
125
0.05
–0.05
25
0
–40
0.10
85
VS =±5V
VCM =+5V
VCM= –5V
Figure 44. Input Offset Voltage vs. Temperature, VS = ±5 V
50
40
30
20
10
0
–10
–20
–30
–40
–50
125
25
85
TEMPERATURE (°C)
–40
+IB
–IB
–IB
VS = ±5V
VCM = +5V
VCM = –5V
+IB
Figure 45. Input Bias Current vs. Temperature, VS = ±5 V
1.4
1.6
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
125
25
85
TEMPERATURE (°C)
–40
VS =±5V
VCM = –5V
VCM =+5V
Figure 46. Input Offset Current vs. Temperature, VS = ±5 V
COMMON-MODE INPUT VOLTAGE (V)
36
–36
5
–4
–24
–5
0
–12
12
24
4
3
2
1
0
–1
–2
–3
VS = ±5V
Figure 47. Input Bias Current vs. Common-Mode Voltage, VS = ±5 V
TEMPERATURE (°C)
5.00
–5.00
125
–4.85
–4.95
25
–4.90
–40
0
–4.80
–4.75
4.75
4.80
4.85
4.95
4.90
85
VS = ±5V
RL = 2kΩ
RL = 2kΩ
RL = 2kΩ
RL = 2kΩ
Figure 48. Output Voltage Swing vs. Temperature, VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com