Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 24 Page - Analog Devices

Part # OP191
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 24 Page - Analog Devices

Back Button OP191 Datasheet HTML 16Page - Analog Devices OP191 Datasheet HTML 17Page - Analog Devices OP191 Datasheet HTML 18Page - Analog Devices OP191 Datasheet HTML 19Page - Analog Devices OP191 Datasheet HTML 20Page - Analog Devices OP191 Datasheet HTML 21Page - Analog Devices OP191 Datasheet HTML 22Page - Analog Devices OP191 Datasheet HTML 23Page - Analog Devices OP191 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
OP191/OP291/OP491
Rev. D | Page 24 of 24
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
OP191GS
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP191GS-REEL
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP191GS-REEL7
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP191GSZ1
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP191GSZ-REEL1
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP191GSZ-REEL71
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP291GS
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP291GS-REEL
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP291GS-REEL7
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP291GSZ1
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP291GSZ-REEL1
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP291GSZ-REEL71
−40°C to +125°C
8-Lead SOIC
R-8 [S-Suffix]
OP491GP
−40°C to +125°C
14-Lead PDIP
N-14 [P-Suffix]
OP491GPZ1
−40°C to +125°C
14-Lead PDIP
N-14 [P-Suffix]
OP491GS
−40°C to +125°C
14-Lead SOIC
R-14 [S-Suffix]
OP491GS-REEL
−40°C to +125°C
14-Lead SOIC
R-14 [S-Suffix]
OP491GS-REEL7
−40°C to +125°C
14-Lead SOIC
R-14 [S-Suffix]
OP491GSZ1
−40°C to +125°C
14-Lead SOIC
R-14 [S-Suffix]
OP491GSZ-REEL1
−40°C to +125°C
14-Lead SOIC
R-14 [S-Suffix]
OP491GSZ-REEL71
−40°C to +125°C
14-Lead SOIC
R-14 [S-Suffix]
OP491GRU-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
OP491GRUZ-REEL1
−40°C to +125°C
14-Lead TSSOP
RU-14
OP491GBC
DIE
1 Z = Pb-free part.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00294-0-4/06(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com