Electronic Components Datasheet Search
  English  ▼

X  

OP491G Datasheet(PDF) 9 Page - Analog Devices

Part # OP491G
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491G Datasheet(HTML) 9 Page - Analog Devices

Back Button OP491G Datasheet HTML 5Page - Analog Devices OP491G Datasheet HTML 6Page - Analog Devices OP491G Datasheet HTML 7Page - Analog Devices OP491G Datasheet HTML 8Page - Analog Devices OP491G Datasheet HTML 9Page - Analog Devices OP491G Datasheet HTML 10Page - Analog Devices OP491G Datasheet HTML 11Page - Analog Devices OP491G Datasheet HTML 12Page - Analog Devices OP491G Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
OP191/OP291/OP491
Rev. D | Page 9 of 24
TEMPERATURE (°C)
3.00
2.75
125
2.90
2.80
25
2.85
–40
2.95
85
VS = 3V
+VO @ RL = 100kΩ
+VO @ RL = 2kΩ
Figure 13. Output Voltage Swing vs. Temperature, VS = 3 V
160
100
60
–40
1k
80
100
120
140
–20
0
20
40
90
–90
–45
0
45
FREQUENCY (Hz)
10M
1M
100k
10k
VS =3V
TA = 25°C
Figure 14. Open-Loop Gain and Phase vs. Frequency, VS = 3 V
TEMPERATURE (°C)
1200
1000
800
600
400
200
0
125
25
–40
85
RL = 100kΩ,
VCM = 2.9V
VS = 3V, VO = 0.3V/2.7V
RL = 100kΩ,
VCM = 0.1V
Figure 15. Open-Loop Gain vs. Temperature, VS = 3 V
FREQUENCY (Hz)
50
0
–50
10
20
30
40
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
VS = 3V
TA = 25°C
Figure 16. Closed-Loop Gain vs. Frequency, VS = 3 V
FREQUENCY (Hz)
160
60
–40
80
100
120
140
–20
0
20
40
CMRR
VS = 3V
TA = 25°C
100
1k
10M
1M
100k
10k
Figure 17. CMRR vs. Frequency, VS = 3 V
TEMPERATURE (°C)
90
84
125
87
85
25
86
–40
89
88
85
VS = 3V
Figure 18. CMRR vs. Temperature, VS = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com