Electronic Components Datasheet Search
  English  ▼

X  

513 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 513
Description  513 SERIES SWITCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

513 Datasheet(HTML) 1 Page - Dialight Corporation

  513 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dialight Corporation • 1501 State Route 34 • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 • www.dialight.com
513 SERIES SWITCHES
ILLUMINATED PUSHBUTTON SWITCHES & MATCHING PANEL MOUNT INDICATORS
ACCEPTS
CONTACT
PART NO.
CAP SIZE
CIRCUIT
FIG
513-1601-604
ALL
SPDT
1
513-1606-001
5/8" SQ.
SPDT
2
513-1611-001
3/4" SQ.
SPDT
3
513-1701-604
ALL
TWO CIRCUIT
1
513-1706-001
5/8" SQ.
TWO CIRCUIT
2
513-1711-001
3/4" SQ.
TWO CIRCUIT
3
MOMENTARY, SNAP ACTION
5 AMP-RESISTIVE; 2 AMP-INDUCTIVE; 125VAC/30VDC
MOMENTARY ACTION
3 AMP; 125VAC/30VDC; GOLD PLATED CONTACT
ACCEPTS
CONTACT
PART NO.
CAP SIZE
CIRCUIT
FIG
513-0101-604
ALL
SPST N.O.
1
513-0106-001
5/8" SQ.
SPST N.O.
2
513-0109-001
3/4" X 1"
SPST N.O.
4
513-0110-001
3/4" X 1"
SPST N.O.
5
513-0111-001
3/4" SQ.
SPST N.O.
3
513-0301-604
ALL
TWO CIRCUIT
1
513-0306-001
5/8" SQ.
TWO CIRCUIT
2
513-0309-001
3/4" X 1"
TWO CIRCUIT
4
513-0310-001
3/4" X 1"
TWO CIRCUIT
5
513-0311-001
3/4" SQ.
TWO CIRCUIT
3
ALTERNATE ACTION
5 AMP-RESISTIVE; 2 AMP-INDUCTIVE; 125VAC/30VDC
ACCEPTS
CONTACT
PART NO.
CAP SIZE
CIRCUIT
FIG
513-1401-604*
ALL
SPDT
1
513-1406-001**
5/8" SQ.
SPDT
2
513-1409-001**
3/4" X 1"
SPDT
4
513-1411-001**
3/4" SQ.
SPDT
3
513-1501-604*
ALL
TWO CIRCUIT
1
513-1506-001**
5/8" SQ.
TWO CIRCUIT
2
513-1511-001**
3/4" SQ.
TWO CIRCUIT
3
MOMENTARY ACTION
5 TO 100 mA; 3 TO 12VDC; HEAVY GOLD PLATING
ACCEPTS
CONTACT
PART NO.
CAP SIZE
CIRCUIT
FIG
513-0601-604
ALL
TWO CIRCUIT
1
513-0606-001
5/8" SQ.
TWO CIRCUIT
2
Uses:
T-1 3/4 MIDGET
FLANGE BASE
INCANDESCENT LAMP
FIG 1
SIDE VIEW
FRONT VIEW
MOUNTING HOLE
FIG 5
FIG 4
FIG 3
FIG 2
Fig. 9
* Add 12.7 (.500) to length dimension
** Add 13.08 (.515) to length dimension
Dialight
46.23
[1.820]
MAX
5.94
[.234]
29.57
[1.16]
23.47
[.924]
28.19
±.13
[1.110
± .005]
22.10
±.13
[.870
±.005]
46.23
[1.820]
MAX
1.14
[.045]
29.57
[1.16]
23.47
[.924]
28.19
±.13
[1.110
± .005]
22.10
±.13
[.870
±.005]
46.23
[1.820]
MAX
1.14
[.045]
23.83
[.938]
SQ.
22.45
±.13
[.883
±.005]
SQ.
46.23
[1.820]
MAX
1.14
[.045]
20.65
[.813]
SQ.
19.25
±13
[.758
±.005]
SQ.
37.28
[1.468]
KNURLED FLANGED NUT
2.39 [.094] x 12.93 [.509] MAX O.D.
1.96
[.077]
7.16
[.282]
12.70 [.500] 32NS-2A THD.
[.501]
[.505]
DIA
27.43
[1.08]
MAX
23.83
[.938]
SQ.
22.43
±.13
[.883
±.005]
SQ.
533 SERIES INDICATORS
ACCEPTS
PART NO.
CAP SIZE
FIG
533-0601
5/8" SQ.
6
533-0901
3/4" X 1"
7
533-1001 (w/built-in barrier) 3/4" X 1"
8
533-1101
3/4" SQ.
9
20.65
[.813]
SQ.
19.25
±13
[.758
±.005]
SQ.
27.43
[1.08]
MAX
Fig. 6
29.57
[1.16]
23.47
[.924]
28.19
±.13
[1.110
± .005]
22.10
±.13
[.870
±.005]
27.43
[1.08]
MAX
Fig. 7
29.57
[1.16]
23.47
[.924]
28.19
±.13
[1.110
± .005]
22.10
±.13
[.870
±.005]
27.43
[1.08]
MAX
Fig. 8
REAR PANEL MOUNT BASE
Material & Finish: Base, Clear anodized aluminum;
Bezel, Heat resistant black plastic.
Neon and incandescent lamp information on Pages 35 and 36.
Dimensions in mm [inches]
Caps Ordered Separately See Page 24.
23


Similar Part No. - 513

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
513 PEREGRINE-513 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
List of Unclassifed Man...
513 ETC2-513 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Aries Electronics, Inc.
513 ARIES-513 Datasheet
651Kb / 1P
Available with Solder Pin Tails
logo
France Joint
513 FRANCEJOINT-513 Datasheet
505Kb / 2P
PISTON SEALS
logo
Hammond Manufacturing L...
513 HAMMOND-513 Datasheet
123Kb / 1P
Ventilated Steel Instrument
5/13/23, 3:31 PM
More results

Similar Description - 513

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VIM-513 VARITRONIX-VIM-513 Datasheet
41Kb / 1P
VIM-513
logo
E-SWITCH
TL1105AF160Q E-SWITCH-TL1105AF160Q Datasheet
240Kb / 3P
SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm
logo
C&K Components
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
3 Series Thumbwheel Switches
logo
E-SWITCH
500SSP1S1 E-SWITCH-500SSP1S1 Datasheet
858Kb / 5P
SERIES 500 SWITCHES
logo
Carling Technologies
P27L-BL CARLINGTECH-P27L-BL Datasheet
116Kb / 1P
P27-Series Pushbutton Switches
P267T-1D-BL CARLINGTECH-P267T-1D-BL Datasheet
124Kb / 1P
P26-Series Pushbutton Switches
logo
E-SWITCH
TD1104 E-SWITCH-TD1104 Datasheet
274Kb / 2P
SERIES TD SWITCHES
logo
Aries Electronics, Inc.
12011 ARIES-12011 Datasheet
651Kb / 1P
Series 513 Lo-PRO file Socket w/Collet Contacts & Solder Pin Tails
logo
E-SWITCH
LS0851505F250C1A E-SWITCH-LS0851505F250C1A Datasheet
267Kb / 3P
SERIES LS SWITCHES
SS0750301F020P1A E-SWITCH-SS0750301F020P1A Datasheet
1Mb / 2P
SERIES SS SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com