Electronic Components Datasheet Search
  English  ▼

X  

OP484FP Datasheet(PDF) 20 Page - Analog Devices

Part # OP484FP
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FP Datasheet(HTML) 20 Page - Analog Devices

Back Button OP484FP Datasheet HTML 16Page - Analog Devices OP484FP Datasheet HTML 17Page - Analog Devices OP484FP Datasheet HTML 18Page - Analog Devices OP484FP Datasheet HTML 19Page - Analog Devices OP484FP Datasheet HTML 20Page - Analog Devices OP484FP Datasheet HTML 21Page - Analog Devices OP484FP Datasheet HTML 22Page - Analog Devices OP484FP Datasheet HTML 23Page - Analog Devices OP484FP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 20 of 24
Notch filters are commonly used to reject power line frequency
interference that often obscures low frequency physiological
signals, such as heart rates, blood pressure readings, EEGs, and
EKGs. This notch filter effectively squelches 60 Hz pickup at a
Filter Q of 0.75. Substituting 3.16 kΩ resistors for the 2.67 kΩ
resistor in the Twin-T section (R1 through R5) configures the
active filter to reject 50 Hz interference.
Obviously, it is desirable to keep this comparison voltage small
because it becomes a significant portion of the overall dropout
voltage. Here, the 20 mV reference is higher than the typical
offset of the OP284 but is still reasonably low as a percentage
of VOUT (<0.5%). In adapting the limiter for other ILIMIT levels,
Sense Resistor RS should be adjusted along with R7 to R8, to
maintain this threshold voltage between 20 mV and 50 mV.
R2
2.67kΩ
R6
10kΩ
R7
1kΩ
R8
1kΩ
R11
10kΩ
R9
20kΩ
R12
150Ω
R10
20kΩ
1
3
5
6
7
11
2
3V
VO
VIN
A2
A1
8
A3
4
10
9
3V
A1, A2, A3 = OP484
Q = 0.75
NOTE: FOR 50Hz APPLICATIONS
CHANGE R1, R2, R3, AND R4 TO 3.1kΩ
AND R5 TO 1.58kΩ (3.16kΩ ÷ 2).
R3
2.67kΩ
R1
2.67kΩ
R4
2.67kΩ
R5
1.33kΩ
(2.68kΩ ÷ 2)
C3
2µF
(1µF × 2)
C5
0.03µF
C1
1µF
C2
1µF
C4
1µF
C6
1µF
1.5V
Performance of the circuit is excellent. For the 4.5 V output
version, the measured dc output change for a 225 mA load
change was on the order of a few micro volts, while the dropout
voltage at this same current level was about 30 mV. The current
limit, as shown, is 400 mA, allowing the circuit to be used at
levels up to 300 mA or more. While the Q1 device can actually
support currents of several amperes, a practical current rating
takes into account the 2.5 W, 25°C dissipation of the the SOIC-8
device. Because a short-circuit current of 400 mA at an input
level of 5 V causes a 2 W dissipation in Q1, other input
conditions should be considered carefully in terms of potential
overheating of Q1. Of course, if higher powered devices are
used for Q1, this circuit can support outputs of tens of amperes
as well as the higher V
levels already noted.
OUT
The circuit shown can be used as either a standard low dropout
regulator, or it can be used with on/off control. By driving Pin 3
of U1 with the optional logic control signal, V
Figure 59. A 3 V Single-Supply, 50Hz to 60 Hz Active Notch Filter
with False Ground
C
, the output is
switched between on and off. Note that when the output is off
in this circuit, it is still active (that is, not an open circuit). This
is because the off state simply reduces the voltage input to R1,
leaving the U1A/U1B amplifiers and Q1 still active.
Amplifier A3 is the heart of the false ground bias circuit. It buffers
the voltage developed at R9 and R10 and is the reference for the
active notch filter. Because the OP484 exhibits a rail-to-rail input
common-mode range, R9 and R10 are chosen to split the 3 V
supply symmetrically. An in-the-loop compensation scheme is
used around the OP484 that allows the op amp to drive C6,
a 1 μF capacitor, without oscillation. C6 maintains a low
impedance ac ground over the operating frequency range of
the filter.
When the on/off control is used, Resistor R10 should be used
with U1 to speed on/off switching and to allow the output of the
circuit to settle to a nominal zero voltage. Component D3 and
Component R11 also aid in speeding up the on/off transition by
providing a dynamic discharge path for C2. Off/on transition
time is less than 1 ms, while the on/off transition is longer, but
less than 10 ms.
The filter section uses an OP484 in a Twin-T configuration
whose frequency selectivity is very sensitive to the relative
matching of the capacitors and resistors in the Twin-T section.
Mylar is the material of choice for the capacitors, and the
relative matching of the capacitors and resistors determines the
pass band symmetry of the filter. Using 1% resistors and 5%
capacitors produces satisfactory results.
3 V, 50 HZ/60 HZ ACTIVE NOTCH FILTER WITH
FALSE GROUND
To process signals in a single-supply system, it is often best to
use a false ground biasing scheme. A circuit that uses this approach
is shown in Figure 59. In this circuit, a false ground circuit
biases an active notch filter used to reject 50 Hz/60 Hz power
line interference in portable patient monitoring equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com